| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8544EBVTANG bảng dữ liệu(PDF) 110 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8544EBVTANG bảng dữ liệu(HTML) 110 Page - Freescale Semiconductor, Inc |
|
110 / 120 page ![]() MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 110 Freescale Semiconductor System Design Information remain unconnected. Power and ground connections must be made to all external VDD, TVDD, BVDD, OVDD, GVDD, and LVDD, and GND pins of the device. 21.6 Pull-Up and Pull-Down Resistor Requirements The MPC8544E requires weak pull-up resistors (2–10 k Ω is recommended) on open drain type pins including I2C pins and MPIC interrupt pins. Correct operation of the JTAG interface requires configuration of a group of system control pins as demonstrated in Figure 69. Care must be taken to ensure that these pins are maintained at a valid deasserted state under normal operating conditions as most have asynchronous behavior and spurious assertion will give unpredictable results. The following pins must NOT be pulled down during power-on reset: TSEC3_TXD[3], HRESET_REQ, TRIG_OUT/READY/QUIESCE, MSRCID[2:4], ASLEEP. The DMA_DACK[0:1] and TEST_SEL pins must be set to a proper state during POR configuration. Refer to the pinout listing table (Table 62) for more details. Refer to the PCI 2.2 Local Bus Specifications, for all pullups required for PCI. 21.7 Output Buffer DC Impedance The MPC8544E drivers are characterized over process, voltage, and temperature. For all buses, the driver is a push-pull single-ended driver type (open drain for I2C). To measure Z0 for the single-ended drivers, an external resistor is connected from the chip pad to OVDD or GND. Then, the value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 67). The output impedance is the average of two components, the resistances of the pull-up and pull-down devices. When data is held high, SW1 is closed (SW2 is open) and RP is trimmed until the voltage at the pad equals OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN are designed to be close to each other in value. Then, Z0 =(RP +RN)/2. Figure 67. Driver Impedance Measurement OVDD OGND RP RN Pad Data SW1 SW2 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |