công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8536CVTAKG bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8536CVTAKG
Giải thích chi tiết về linh kiện  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536CVTAKG bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8536CVTAKG Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8536CVTAKG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
2
Table of Contents
1
Pin Assignments and Reset States . . . . . . . . . . . . . . . . . . . . .3
1.1
Pin Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
2.1
Overall DC Electrical Characteristics . . . . . . . . . . . . . .21
2.2
Power Sequencing . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
2.3
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . .26
2.4
Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
2.5
RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . . .31
2.6
DDR2 and DDR3 SDRAM . . . . . . . . . . . . . . . . . . . . . .32
2.7
eSPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
2.8
DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
2.9
Ethernet: Enhanced Three-Speed Ethernet (eTSEC),
MII Management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
2.10 Ethernet Management Interface Electrical Characteristics
61
2.11 USB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
2.12 enhanced Local Bus Controller (eLBC) . . . . . . . . . . . .66
2.13 Enhanced Secure Digital Host Controller (eSDHC) . . .75
2.14 Programmable Interrupt Controller (PIC) . . . . . . . . . . .77
2.15 JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77
2.16 Serial ATA (SATA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
2.17 I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
2.18 GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .88
2.19 PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .89
2.20 High-Speed Serial Interfaces . . . . . . . . . . . . . . . . . . . .91
2.21 PCI Express. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
2.23 Clocking. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
2.24 Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
3
Hardware Design Considerations . . . . . . . . . . . . . . . . . . . . 114
3.1
System Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
3.2
Power Supply Design and Sequencing . . . . . . . . . . . 115
3.3
Pin States in Deep Sleep State . . . . . . . . . . . . . . . . . 116
3.4
Decoupling Recommendations . . . . . . . . . . . . . . . . . 116
3.5
SerDes
Block
Power
Supply
Decoupling
Recommendations. . . . . . . . . . . . . . . . . . . . . . . . . . . 116
3.6
Connection Recommendations . . . . . . . . . . . . . . . . . 116
3.7
Pull-Up and Pull-Down Resistor Requirements . . . . . 117
3.8
Output Buffer DC Impedance . . . . . . . . . . . . . . . . . . 117
3.9
Configuration Pin Muxing . . . . . . . . . . . . . . . . . . . . . 118
3.10 JTAG Configuration Signals . . . . . . . . . . . . . . . . . . . 118
3.11 Guidelines for High-Speed Interface Termination . . . 121
4
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
4.1
Part Numbers Fully Addressed by This Document . . 123
4.2
Part Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
4.3
Part Numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
5
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
5.1
Package Parameters for the MPC8536E FC-PBGA . 124
5.2
Mechanical Dimensions of the MPC8536E FC-PBGA125
6
Product Documentation. . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
7
Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com