| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8536EBVTATH bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8536EBVTATH bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 128 page ![]() Pin Map MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 7 Figure 5. MPC8536E Pin Map Detail C LWE[3]/ LBS[3] LWE[1]/ LBS[1] LWE0/ LBS0/ LFWE GND MDIC [1] MDQ [31] GND GVDD GND GND GND MDQ [26] GND MDQ [19] MDQ [18] LCS [4] GND GND MDM [3] GVDD LA [29] GND GND MDQ [21] GVDD MDQ [24] MDM [2] LGPL3/ LFWP MDQ [20] MDQ [28] MDQ [17] LA [27] MDQ [29] MDQ [16] MDQ [10] MDQ [11] MDQ [14] MDQ [15] GVDD MDQ [3] LAD [29] MDQS [1] MDQS [1] LAD [0] MDQ [2] MDM [1] MDQ [9] LAD [3] LAD [27] LAD [4] MDQS [0] GVDD LAD [7] MDQ [4] MDM [0] LAD [19] GND MDQ [1] BVDD LDP [0] GND LSYNC_ IN LAD [21] LDP [1] LAD [20] MDQ [0] MDQ [6] MDQ [5] MDQ [7] MDQ [8] MDQ [13] MDQ [12] MDQ [23] MDQ [25] MDQ [22] MDQ [30] MDQS [2] MDQS [3] MDQS [0] MDQS [2] MDQS [3] MDIC [0] LAD [1] LAD [2] LAD [5] LAD [6] LAD [8] LAD [9] LAD [10] LAD [11] LAD [12] LAD [14] LAD [13] LAD [15] LAD [16] LAD [18] LAD [17] LAD [22] LAD [23] LAD [24] LAD [25] LAD [26] LAD [28] LAD [30] LAD [31] LDP [2] LDP [3] LA [28] LA [30] LA [31] LCS [0] LCS [1] LCS [2] LCS [3] LALE LGPL0/ LFCLE LGPL2/ LOE/ LFRE LGPL4/ LGTA/ LUPWAIT/ LPBSE/ LGPL5 LCLK [0] LCLK [1] LCLK [2] LBCTL GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GVDD GVDD GVDD BVDD BVDD BVDD BVDD BVDD BVDD BVDD MVREF NC NC NC LWE[2]/ LBS[2] LGPL1/ LFALE LFRB SD1_ IMP_CAL _RX SGND SGND SGND SGND XGND XGND XGND XGND GND GND AVDD_ LBIU VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE XVDD XVDD XVDD SVDD SVDD SVDD SD1_TX [2] SD1_TX [1] SD1_TX [0] SD1_TX [2] SD1_TX [1] SD1_TX [0] SD1_RX [1] SD1_RX [0] SD1_RX [1] SD1_RX [0] LSYNC_ OUT LCS5/ DMA_ DREQ2 LCS6/ DMA_ DACK2 LCS7/ DMA_ DDONE2 19 20 21 22 23 24 25 26 27 28 15 16 17 18 A P N M L K J H G F E D C B DETAIL C |