công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8536BVTAUL bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8536BVTAUL
Giải thích chi tiết về linh kiện  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTAUL bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTAUL Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8536BVTAUL Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
Overall DC Electrical Characteristics
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
21
2
Electrical Characteristics
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 2 provides the absolute maximum ratings.
25. When a PCI block is disabled, either the POR config pin that selects between internal and external arbiter must be pulled
down to select external arbiter if there is any other PCI device connected on the PCI bus, or leave the address pins as “No
Connect” or terminated through 2–10 K
Ω pull-up resistors with the default of internal arbiter if the address pins are not
connected to any other PCI device. The PCI block will drive the address pins if it is configured to be the PCI arbiter—through
POR config pins—irrespective of whether it is disabled via the DEVDISR register or not. It may cause contention if there is
any other PCI device connected on the bus.
26. MDIC[0] is grounded through an 18.2-
Ω (full-strength mode) or 36.4-Ω (half-strength mode) precision 1% resistor and
MDIC[1] is connected to GVDD through an 18.2-
Ω (full-strength mode) or 36.4-Ω (half-strength mode) precision 1% resistor.
These pins are used for automatic calibration of the DDR IOs.
27. Connect to GND through a pull down 1 k
Ω resistor
28. It must be the same as VDD_CORE
29. The output pads are tristated and the receivers of pad inputs are disabled during the Deep Sleep state when
GCR[DEEPSLEEP_Z] =1.
30. DDRCLK input is only required when the DDR controller is running in asynchronous mode. When the DDR controller is
configured to run in synchronous mode via POR setting cfg_ddr_pll[0:2]=111, the DDRCLK input is not required. It is
recommended to tie it off to GND when DDR controller is running in synchronous mode. See the
MPC8536E
PowerQUICC™ III Integrated Host Processor Family Reference Manual, Rev.0, Table 4-3 in section 4.2.2 “Clock Signals”,
section 4.4.3.2 “DDR PLL Ratio” and Table 4-10 “DDR Complex Clock PLL Ratio” for more detailed description regarding
DDR controller operation in asynchronous and synchronous modes.
31. EC_GTX_CLK125 is a 125-MHz input clock shared among all eTSEC ports in the following modes: GMII, TBI, RGMII and
RTBI. If none of the eTSEC ports is operating in these modes, the EC_GTX_CLK125 input can be tied off to GND.
32. SDHC_WP is active low signal, which follows SDHC Host controller specification. However, it is reversed polarity for
SD/MMC card specification.
Table 2. Absolute Maximum Ratings1
Characteristic
Symbol
Max Value
Unit Notes
Core supply voltage
VDD_CORE
–0.3 to 1.21
V
—
Platform supply voltage
VDD_PLAT
–0.3 to 1.1
V
—
PLL core supply voltage
AVDD_CORE
–0.3 to 1.21
V
—
PLL other supply voltage
AVDD
–0.3 to 1.1
V
—
Core power supply for SerDes transceivers
SVDD, S2VDD
–0.3 to 1.1
V
—
Pad power supply for SerDes transceivers and PCI Express
XVDD, X2VDD
–0.3 to 1.1
V
—
Table 1. MPC8536E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com