| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5634MF0MMGA8 bảng dữ liệu(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MF0MMGA8 bảng dữ liệu(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 118 page ![]() AN[7] DAN3- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / - AN[7] / - 136 165 C8 AN[8] See AN[38]-AN[8]-ANW AN[9] ANX Single Ended Analog Input External Multiplexed Analog Input —— I I VDDA I / - AN[9] / - 5 5 A2 AN[10] See AN[39]-AN[10]-ANY AN[11] ANZ Single Ended Analog Input External Multiplexed Analog Input —— I I VDDA I / - AN[11] / - 4 4 A3 AN[12] MA[0] ETPU_A[19] SDS Single Ended Analog Input Mux Address ETPU_A Ch. eQADC Serial Data Strobe PCR[215] 11 10 01 00 I O O O VDDEH7 I / - AN[12] / - 119 148 A12 AN[13] MA[1] ETPU_A[21] SDO Single Ended Analog Input Mux Address ETPU_A Ch. eQADC Serial Data Out PCR[216] 11 10 01 00 I O O O VDDEH7 I / - AN[13] / - 118 147 B12 AN[14] MA[2] ETPU_A[27] SDI Single Ended Analog Input Mux Address ETPU_A Ch. eQADC Serial Data In PCR[217] 11 10 01 00 I O O I VDDEH7 I / - AN[14] / - 117 146 C12 AN[15] FCK ETPU_A[29] Single Ended Analog Input eQADC Free Running Clock ETPU_A Ch. PCR[218] 11 10 01 I O O VDDEH7 I / - AN[15] / - 116 145 C13 AN[16] Single Ended Analog Input — — I VDDA I / - AN[x] / - 3 3 C6 AN[17] Single Ended Analog Input — — I VDDA I / - AN[x] / - 2 2 C4 AN[18] Single Ended Analog Input — — I VDDA I / - AN[x] / - 1 1 D5 AN[21] Single Ended Analog Input — — I VDDA I / - AN[x] / - 144 173 B4 AN[22] Single Ended Analog Input — — I VDDA I / - AN[x] / - 132 161 B8 AN[23] Single Ended Analog Input — — I VDDA I / - AN[x] / - 131 160 C9 Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPBGA Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages |