| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5634MF0MMGA6 bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MF0MMGA6 bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 118 page ![]() CAL_ADDR[12:15] Calibration Address Bus PCR[340] — O VDDE12 Fast O / Low CAL_ADDR / Low —— — CAL_ADDR[16]20 ALT_MDO[0]11 Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE1212 VDDE713 Fast O / Low14 MDO / ALT_ADDR11 / Low —17 A14 CAL_ADDR[17]20 ALT_MDO[1]11 Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE1212 Fast O / Low14 ALT_MDO / CAL_ADDR11 / Low —18 B14 CAL_ADDR[18]20 ALT_MDO[2]11 Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE1212 Fast O / Low14 ALT_MDO / CAL_ADDR11 / Low —19 A13 CAL_ADDR[19]20 ALT_MDO[3]11 Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE1212 Fast O / Low14 ALT_MDO / CAL_ADDR11 / Low —20 B13 CAL_ADDR[20:27] ALT_MDO[4:11] Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE1212 Fast O / Low ALT_MDO / CAL_ADDR15 / Low —— — CAL_ADDR[28]20 ALT_MSEO[0]11 Calibration Address Bus Nexus Msg Start/End Out PCR[345] — O O VDDE1212 Fast O / Low16 ALT_MSEO15 / CAL_ADDR16/ Low — 118 C15 CAL_ADDR[29]20 ALT_MSEO[1]11 Calibration Address Bus Nexus Msg Start/End Out PCR[345] — O O VDDE1212 Fast O / Low16 ALT_MSEO15 / CAL_ADDR16/ Low — 117 E16 CAL_ADDR[30]20 ALT_EVTI11 Calibration Address Bus Nexus Event In PCR[345] — O I VDDE1212 Fast —17 ALT_EVTI / CAL_ADDR18 — 116 E15 ALT_EVTO Nexus Event Out PCR[344] — O VDDE1212 Fast O / Low ALT_EVTO / High — 120 D15 ALT_MCKO Nexus Msg Clock Out PCR[344] — O VDDE1212 Fast O / Low ALT_MCKO / Enabled —14 F15 NEXUSCFG Nexus/Calibration bus selector — — I VDDE12 Fast I / Down NEXUSCFG / Down —— — Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPBGA Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages |