công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5632MF0MMGA6 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5632MF0MMGA6
Giải thích chi tiết về linh kiện  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
Overview
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
•
Enhanced queued A/D converter (eQADC)
— Two independent on-chip RSD Cyclic ADCs
– 8-, 10-, and 12-bit resolution
– Differential conversions
– Targets up to 10-bit accuracy at 500 KSample/s (ADC_CLK=7.5 MHz) and 8-bit accuracy at 1 MSample/s
(ADC_CLK=15 MHz) for differential conversions
– Differential channels include variable gain amplifier for improved dynamic range (
×1; ×2; ×4)
– Differential channels include programmable pull-up and pull-down resistors for biasing and sensor diagnostics
(200 k
Ω; 100 kΩ; low value of 5 kΩ)
– Single-ended signal range from 0 to 5 V
– Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
– Provides time stamp information when requested
– Parallel interface to eQADC command FIFOs (CFIFOs) and result FIFOs (RFIFOs)
– Supports both right-justified unsigned and signed formats for conversion results
– Temperature sensor to enable measurement of die temperature
– Ability to measure all power supply pins directly
— Automatic application of ADC calibration constants
– Provision of reference voltages (25% VREF and 75% VREF) for ADC calibration purposes
—Up to 341 input channels available to the two on-chip ADCs
— Four pairs of differential analog input channels
— Full duplex synchronous serial interface to an external device
– Has a free-running clock for use by the external device
– Supports a 26-bit message length
– Transmits a null message when there are no triggered CFIFOs with commands bound for external CBuffers,
or when there are triggered CFIFOs with commands bound for external CBuffers but the external CBuffers are
full
— Parallel Side Interface to communicate with an on-chip companion module
— Zero jitter triggering for queue 0. (Queue 0 trigger causes current conversion to be aborted and the queued
conversions in the CBUFFER to be bypassed. Delay from Trigger to start of conversion s 13 system clocks + 1
ADC clock.)
— eQADC Result Streaming. Generation of a continuous stream of ADC conversion results from a single eQADC
command word. Controlled by two different trigger signals; one to define the rate at which results are generated
and the other to define the beginning and ending of the stream. Used to digitize waveforms during specific
time/angle windows, e.g., engine knock sensor sampling.
— Angular Decimation. The ability of the eQADC to sample an analog waveform in the time domain, perform
FIR/IIR filtering also in the time domain, but to down sample the results in the angle domain. Resulting in a time
domain filtered result at a given engine angle.
— Priority Based CFIFOs
– Supports six CFIFOs with fixed priority. The lower the CFIFO number, the higher its priority. When
commands of distinct CFIFOs are bound for the same CBuffer, the higher priority CFIFO is always served
first.
– Supports software and several hardware trigger modes to arm a particular CFIFO
– Generates interrupt when command coherency is not achieved
— External Hardware Triggers
– Supports rising edge, falling edge, high level and low level triggers
– Supports configurable digital filter
1.176-pin and 208-pin packages have 34 input channels; 144-pin package has 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com