| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMA6222EG bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6222EG bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 34 page ![]() MMA6222KEG Sensors Freescale Semiconductor 21 Acceleration data is returned as illustrated below. In addition to the acceleration value, the axis associated with the measurement is indicated in bit 13, while bits 11 and 10 provide status information. Figure 4-5 Acceleration Command Response Figure 4-6 Acceleration Command Response, Self-Test Active 4.1.4 AXIS Bit Bit 13 indicates the axis associated with acceleration data, as shown below. 4.1.5 Status Bits Data bits 11 and 10 convey additional information regarding the acceleration data being transmitted. If an error condition is indi- cated, bits D9 through D0 contain flags which further describe the nature of the error. The combination S1 = 0, S0 = 0 is never transmitted by MMA62XXKEG in response to an acceleration data command. Table 4-1 AXIS Bit Definitions AXIS Selected Axis 0 X 1 Y Table 4-2 STATUS Bit Definitions Status Bit Definition S1 S0 0 0 Not Applicable 0 1 Acceleration Data 1 0 Self-test Data 1 1 Error SCLK BIT DOUT CS 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 AXIS P D4D3D2D1 D0 D6 D5 0 S1 S0 D9 D8 D7 SCLK BIT DOUT CS 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 AXIS P D4D3D2D1 D0 D6 D5 0 S1 S0 D9 D8 D7 |