công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMA2201KEGR2 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MMA2201KEGR2
Giải thích chi tiết về linh kiện  Low G Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2201KEGR2 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA2201KEGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2201KEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMA2201KEG
Rev 0, 12/2009
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Low G
Micromachined Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers feature
signal conditioning, a 4-pole low pass filter and temperature compensation.
Zero-g offset full scale span and filter cut-off are factory set and require no
external devices. A full system self-test capability verifies system functionality.
Features
•
Integral Signal Conditioning
•
Linear Output
•
Ratiometric Performance
•
4th Order Bessel Filter Preserves Pulse Shape Integrity
•
Calibrated Self-test
•
Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status
•
Transducer Hermetically Sealed at Wafer Level for Superior Reliability
•
Robust Design, High Shocks Survivability
•
Qualified AEC-Q100, Rev. F Grade 2 (-40
°C/ +105°C)
Typical Applications
•
Vibration Monitoring and Recording
•
Appliance Control
•
Mechanical Bearing Monitoring
•
Computer Hard Drive Protection
•
Computer Mouse and Joysticks
•
Virtual Reality Input Devices
•
Sport Diagnostic Devices and Systems
ORDERING INFORMATION
Device Name
Temperature Range
Case No.
Package
MMA2201EG
–40
° to 105°C
475-01
SOIC-16
MMA2201EGR2
–40
° to 105°C
475-01
SOIC16, Tape & Reel
MMA2201KEG*
–40
° to 105°C
475-01
SOIC-16
MMA2201KEGR2*
–40
° to 105°C
475-01
SOIC16, Tape & Reel
*Part number sourced from a different facility.
MMA2201KEG
MMA2201KEG: X-AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±40g
KEG SUFFIX (Pb-FREE)
16-LEAD SOIC
CASE 475-01
Figure 1. Simplified Accelerometer Functional Block Diagram
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. Pin Connections
G-Cell
Sensor
Integrator
Gain
Filter
Temp Comp
and Gain
Self-test
Control Logic &
EPROM Trim Circuits
Clock
Generator
Oscillator
VDD
VOUT
VSS
ST
STATUS


Số phần tương tự - MMA2201KEGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MMA2201KEGR2 FREESCALE-MMA2201KEGR2 Datasheet
125Kb / 11P
Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA2201KEGR2 NXP-MMA2201KEGR2 Datasheet
176Kb / 11P
Low-g Micromachined Accelerometer
Rev 1, 08/2012
More results

Mô tả tương tự - MMA2201KEGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
Low G Micromachined Accelerometer
MMA1260D MOTOROLA-MMA1260D Datasheet
128Kb / 8P
Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1270EG FREESCALE-MMA1270EG Datasheet
231Kb / 9P
Low G Micromachined Accelerometer
MMA1220 FREESCALE-MMA1220 Datasheet
282Kb / 10P
Low G Micromachined Accelerometer
MMA2244EG FREESCALE-MMA2244EG Datasheet
235Kb / 10P
Low G Micromachined Accelerometer
MMA2201D FREESCALE-MMA2201D Datasheet
276Kb / 10P
Low G Micromachined Accelerometer
MMA1260KEG FREESCALE-MMA1260KEG Datasheet
143Kb / 9P
Low G Micromachined Accelerometer
MMA1254 FREESCALE-MMA1254 Datasheet
135Kb / 10P
Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA1260KEG NXP-MMA1260KEG Datasheet
176Kb / 9P
Low G Micromachined Accelerometer
Rev 0, 11/2009
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
Low-g Micromachined Accelerometer
Rev 1, 08/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com