công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMA2201EGR2 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MMA2201EGR2
Giải thích chi tiết về linh kiện  Low G Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2201EGR2 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA2201EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2201EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMA2201KEG
Sensors
Freescale Semiconductor
5
BASIC CONNECTIONS
Pinout Description
Figure 5. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use a 0.1
μF capacitor on VDD to decouple the power
source.
2. Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
4. Use an RC filter of 1 k
Ω and 0.01 μF on the output of
the accelerometer to minimize clock noise (from the
switched capacitor filter circuit).
5. PCB layout of power and ground should not couple
power supply noise.
6. Accelerometer and microcontroller should not be a
high current path.
7. A/D sampling rate and any external power supply
switching frequency should be selected such that they
do not interfere with the internal accelerometer
sampling frequency. This will prevent aliasing errors.
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1 thru 3
—
Leave unconnected.
4
ST
Logic input pin used to initiate self-test.
5
VOUT
Output voltage of the accelerometer.
6
STATUS
Logic output pin to indicate fault.
7
VSS
The power supply ground.
8
VDD
The power supply input.
9 thru 13
Trim pins
Used for factory trim. Leave
unconnected.
14 thru 16
—
No internal connection. Leave
unconnected.
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
MMA2201KEG
ST
VOUT
Output
Signal
R1
1 kΩ
5
C2
0.01 μF
4
7
Logic
Input
VDD
C1
0.1 μF
6
STATUS
8 VDD
VSS
P0
A/D In
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.01 μF
1 kΩ
0.1 μF
0.1 μF
Power Supply
0.1 μF
P1
STATUS
R
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com