công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT1623 bảng dữ liệu(PDF) 8 Page - Holtek Semiconductor Inc

tên linh kiện HT1623
Giải thích chi tiết về linh kiện  RAM Mapping 488 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1623 bảng dữ liệu(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1623 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HT1623
Rev. 1.50
8
June 17, 2009
PATENTED
9 0 %
5 0 %
1 0 %
G N D
W R , R D
C l o c k
t f
t r
t C L K
t C L K
- V D D
Figure 1
5 0 %
V A L I D D A T A
5 0 %
D B
W R , R D
C l o c k
G N D
t s u
t h
V D D
V D D
- G N D
Figure 2
C S
G N D
5 0 %
5 0 %
F I R S T
C l o c k
L A S T
C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
- V D D
- V D D
Figure 3
t S R
t O F F
V D D
0 V
Figure 4. Power-on Reset Timing
Functional Description
Display Memory
- RAM Structure
The static display RAM is organized into 96
´4 bits and
stores the display data. The contents of the RAM are di-
rectly mapped to the contents of the LCD driver. Data in
the RAM can be accessed by theREAD, WRITE and
READ-MODIFY-WRITE commands. The following is a
mapping from the RAM to the LCD patterns.
Time Base and Watchdog Timer
- WDT
The time base generator and WDT share the same di-
vided (/256) counter. TIMER DIS/EN/CLR, WDT
DIS/EN/CLR and IRQ EN/DIS are independent from each
other. Once the WDT time-out occurs, the IRQ pin will
remain at logic low level until the CLR WDT or the IRQ
DIS command is issued.
If an external clock is selected as the source of system
frequency, the SYS DIS command turns out invalid and
the power down mode fails to be carried out until the ex-
ternal clock source is removed.
Buzzer Tone Output
A simple tone generator is implemented in the HT1623.
The tone generator can output a pair of differential driv-
ing signals on the BZ and BZ which are used to generate
a single tone.
Command Format
The HT1623 can be configured by the software setting.
There are two mode commands to configure the
HT1623 resource and to transfer the LCD display data.
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4 7
C O M 4
C O M 5
C O M 6
C O M 7
D 3
D 2
D 1
D 0
D a t a
A d d r
9 5
1
3
5
7
C O M 0
C O M 1
C O M 2
C O M 3
A d d r
9 4
0
2
4
6
D a t a 4 B i t s
( D 3 , D 2 , D 1 , D 0 )
A d d r e s s 7 B i t s
( A 6 , A 5 , . . . . , A 0 )
D 3
D 2
D 1
D 0
D a t a
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com