công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82B40R bảng dữ liệu(PDF) 30 Page - Holtek Semiconductor Inc

tên linh kiện HT82B40R
Giải thích chi tiết về linh kiện  I/O MCU with USB Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40R bảng dữ liệu(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT82B40R Datasheet HTML 26Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 27Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 28Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 29Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
HT82B40R/HT82B40A
Rev. 1.10
30
September 4, 2009
Bit No.
Label
R/W
Function
0
SUSPEND
R
Read only,
USBsuspend indication. When this bit is set to ²1² (set by the SIE), it in-
dicates that the USB bus has entered the suspend mode. The USB interrupt is also
triggered on any change of this bit.
1
RMOT_ WK
W
USB remote wake up command. Set by the MCU to force the USB host to leave the
suspend mode. When this bit is set to
²1²,a2ms delay for clearing this bit to ²0² is
needed to insure the RMWK command is accepted by SIE.
2
URST_FLAG R/W
USB reset indication. This bit is set/cleared by the USB SIE. This bit is used to de-
tect which bus (PS2 or USB) is attached. When the URST is set to
²1², this indi-
cates that a USB reset has occurred (the attached bus is USB) and a USB interrupt
will be initialised.
3
RESUME_O
R
USB resume indication. When the USB leaves the suspend mode, this bit is set to
²1² (set by the SIE). This bit will appear for 20ms waiting for the MCU to detect.
When the RESUME is set by the SIE, an interrupt will be generated to wake-up the
MCU. In order to detect the suspend state, the MCU should set the USBCKEN and
clear SUSP2 (in the SCC register) to enable the SIE detect function. The RESUME
will be cleared while SUSP is going to
²0². When the MCU is detecting the SUSP,
the condition of RESUME (which wakes-up the MCU ) should be noted and taken
into consideration.
4
PS2_DAI
R
Read only, USBD-/DATA input
5
PS2_CKI
R
Read only, USBD+/CLK input
6
PS2_DAO
W
Data for driving the USBD-/DATA pin when working under 3D PS2 mouse function.
(Default=
²1²)
7
PS2_CKO
W
Data for driving the USBD+/CLK pin when working under 3D PS2 mouse function.
(Default=
²1²)
USC (20H) Register
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
the serial bus, PS2 or USB. The endpoint request flags, EP0IF, EP1IF and EP2IF, are used to indicate which endpoints
are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and the USB interrupt will
occur, if the USB interrupt is enabled and the stack is not full. When the active endpoint request flag is served, the end-
point request flag has to be cleared to
²0².
Bit No.
Label
R/W
Function
0
EP0_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 0 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
1
EP1_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 1 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
2
EP2_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 2 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
3, 6
¾¾
Reserved
4
5
MODE_CTRL0
MODE_CTRL1
R/W
00 : Non-USB mode, turn-off V33O, both D+and D- can be read and write - default
01 : Non-USB mode, has 200 ohm between VDD and V33O, both D+and D- can be
read and write
10 : USB mode, 1.5K ohm between D- and V33O, V33O output 3.3V,
both D+and D- are read only
11 : Non-USB mode, V33O output 3.3V, both D+and D- can be read and write
7
USB_flag
R/W
This flag is used to indicate that the
MCUis in the USB mode - Bit=1
This bit is R/W by FW and will be cleared to
²0² after power-on reset - Default=²0²
USR (21H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com