| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT46F46E bảng dữ liệu(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46F46E bảng dữ liệu(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 88 page ![]() Pin Description HT46F46E, HT46F47E Pin Name I/O Configuration Option Description PA0~PA2 PA3/PFD PA4/TMR PA5/INT PA6~PA7 I/O Pull-high Wake-up PA3 or PFD Bidirectional 8-bit input/output port. Each individual pin on this port can be config- ured as a wake-up input by a configuration option. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. Configuration options deter- mine which pins on the port have pull-high resistors. Pins PA3, PA4 and PA5 are pin-shared with PFD, TMR and INT, respectively. PB0/AN0 PB1/AN1 PB2/AN2 PB3/AN3 I/O Pull-high Bidirectional 4-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. Configuration options determine which pins on the port have pull-high resistors. PB is pin-shared with the A/D input pins. The A/D inputs are selected via software instructions. Once selected as an A/D input, the I/O function and pull-high resistor options are disabled automatically. PD0/PWM I/O Pull-high PD0 or PWM Bidirectional 1-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. A configuration option determines if this pin has a pull-high resistor. The PWM out- put is pin-shared with pin PD0 selected via a configuration option. OSC1 OSC2 I O Crystal or RC OSC1, OSC2 are connected to an external RC network or external crystal, deter- mined by configuration option, for the internal system clock. If the RC system clock option is selected, pin OSC2 can be used to measure the system clock at 1/4 fre- quency. RES I ¾ Schmitt Trigger reset input. Active low. VDD ¾¾ Positive power supply VSS ¾¾ Negative power supply, ground Note: 1. Each pin on PA can be programmed through a configuration option to have a wake-up function. 2. Individual pins can be selected to have a pull-high resistor. 3. Pins PB2/AN2~PB3/AN3 exist but are not bonded out on the 16-pin package. 4. Unbonded pins should be setup as outputs or as inputs with pull-high resistors to conserve power. HT46F48E Pin Name I/O Configuration Option Description PA0~PA2 PA3/PFD PA4/TMR PA5/INT PA6~PA7 I/O Pull-high Wake-up PA3 or PFD Bidirectional 8-bit input/output port. Each individual pin on this port can be config- ured as a wake-up input by a configuration option. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. Configuration options deter- mine which pins on the port have pull-high resistors. Pins PA3, PA4 and PA5 are pin-shared with PFD, TMR and INT, respectively. PB0/AN0 PB1/AN1 PB2/AN2 PB3/AN3 PB4~PB7 I/O Pull-high Bidirectional 8-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. Configuration options determine which pins on the port have pull-high resistors. PB is pin-shared with the A/D input pins. The A/D inputs are selected via software instructions. Once selected as an A/D input, the I/O function and pull-high resistor options are disabled automatically. PC0~PC1 I/O Pull-high Bidirectional 2-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. Configuration options determine which pins on the port have pull-high resistors. PD0/PWM I/O Pull-high I/O or PWM Bidirectional 1-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. Configuration option determines if this pin has a pull-high resistor. The PWM output is pin-shared with pin PD0 selected via a configuration option. OSC1 OSC2 I O Crystal or RC OSC1, OSC2 are connected to an external RC network or external crystal, deter- mined by configuration option, for the internal system clock. If the RC system clock op- tion is selected, pin OSC2 can be used to measure the system clock at 1/4 frequency. HT46F46E/HT46F47E/HT46F48E/HT46F49E Rev. 1.40 4 July 28, 2009 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |