công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT45FM03B bảng dữ liệu(PDF) 3 Page - Holtek Semiconductor Inc

tên linh kiện HT45FM03B
Giải thích chi tiết về linh kiện  Brushless DC Motor Flash Type 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM03B bảng dữ liệu(HTML) 3 Page - Holtek Semiconductor Inc

  HT45FM03B Datasheet HTML 1Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 2Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 3Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 4Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 5Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 6Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 7Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 8Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
Pad Description
Pad Name
I/O
Option
Description
PA0/OPVINP
PA1/CVINP
PA2/CVINN
PA3/COUT
PA4/INT0A
PA5/INT0B
PA6/INT0C
PA7/INT1
I/O
Pull-high
Wake-up
INT0A
INT0B
INT0C
Bidirectional 8-bit input/output port. Each pin can be configured as
wake-up input by configuration option. Software instructions determine
if the pin is a CMOS output or Schmitt Trigger input. Configuration op-
tions determine if the pins have pull-high resistors. Pins PA4~PA6 are
pin-shared with INT0A, INT0B and INT0C, the function being selected
via configuration options. PA7 is pin-shared with the external interrupt
pin INT1. PA1, PA2 and PA3 are pin-shared with comparator pins
CVINP, CVINN and COUT. PA0 is shared with OPVINP.
PB0/AN0
PB1/AN1
PB2/AN2/OPOUT
PB3/AN3/OPVINN
PB4/AN4/INT0A
PB5/AN5/INT0B
PB6/AN6/INT0C
PB7/AN7/TMR0/TMR1
I/O
Pull-high
INT0A
INT0B
INT0C
Bidirectional 8-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt Trigger input. Configuration op-
tions determine if the pins have pull-high resistors. PB is pin-shared
with the A/D inputs. Pins PB4~PB6 are also pin-shared with INT0A,
INT0B and INT0C, the function being selected via configuration op-
tions. Pins PB2 and PB3 are also pin pin-shared with operational am-
plifier pins OPOUT and OPVINN. Pin PB7 is also pin-shared with timer
input pins TMR0 and TMR1.
PC0/PWM0H
PC1/PWM0L
PC2/PWM1H
PC3/PWM1L
PC4/PWM2H
PC5/PWM2L
I/O
Pull-high
Bidirectional 6-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt Trigger input. Configuration op-
tions determine if the pins have pull-high resistors. PC is pin shared
with the Pulse Width Modulation complimentary output pairs,
PWM0H~PWM2H and PWM0L~PWM2L.
PD0/PFD
I/O
Pull-high
PFD
Bidirectional 1-line I/O. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. A configuration option deter-
mines if pin PD0 has a pull-high resistor. Pin PD0 is shared with the
PFD output.
PD1/RES
I/O
PD1 or
RES
Bidirectional 1-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt Trigger input. Pin PD1 does not
have a pull-high option. Pin PD1 is pin-shared with the reset input pin
RES. RES is a Schmitt Trigger reset input. Active low.
PD2/OSC1
PD3/OSC2
I/O
1.Int. RC
OSC
2.Crystal
OSC
3.Ext. RC
OSC
Bidirectional 2-line I/O. Software instructions determine if the pins are
CMOS outputs or Schmitt Trigger inputs. Pin PD2~PD3 do not have
pull-high options. Configuration options determine if the pins are to be
used as oscillator pins or I/O pins. Configuration options also deter-
mine which oscillator mode is selected. The three oscillator modes are:
1. Internal RC OSC: both pins configured as I/Os.
2. External crystal OSC: both pins configured as OSC1/OSC2.
3. External RC OSC+PD3: PD2 is configured as OSC1 pin, PD3 con-
figured as an I/O.
If the internal RC OSC is selected, the frequency will be fixed at either
12MHz, 16MHz or 20MHz, dependent upon which configuration option
is chosen.
VSS
¾¾
Negative power supply, ground
AVSS
¾¾
Ground connection for A/D converter. The VSS and AVSS are the
same pin at 28 pin package.
VDD
¾¾
Positive power supply
AVDD
¾¾
Power supply connection for A/D converter. The VDD and AVDD are
the same pin at 28 pin package.
HT45FM03B
Rev. 1.00
3
December 16, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com