| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5604PEF0MLQ7R bảng dữ liệu(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604PEF0MLQ7R bảng dữ liệu(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 84 page ![]() MPC5604P Microcontroller Data Sheet, Rev. 5 Preliminary—Subject to Change Without Notice Freescale Semiconductor 22 G[6] PCR[102] ALT0 ALT1 ALT2 ALT3 GPIO[102] A[3] — — SIU Lite FlexPWM0 — — I/O O — — Slow Medium — 98 G[7] PCR[103] ALT0 ALT1 ALT2 ALT3 GPIO[103] B[3] — — SIU Lite FlexPWM0 — — I/O O — — Slow Medium — 83 G[8] PCR[104] ALT0 ALT1 ALT2 ALT3 — GPIO[104] — — — FAULT[0] SIU Lite — — — FlexPWM0 I/O — — — I Slow Medium — 81 G[9] PCR[105] ALT0 ALT1 ALT2 ALT3 — GPIO[105] — — — FAULT[1] SIU Lite — — — FlexPWM0 I/O — — — I Slow Medium — 79 G[10] PCR[106] ALT0 ALT1 ALT2 ALT3 — GPIO[106] — — — FAULT[2] SIU Lite — — — FlexPWM0 I/O — — — I Slow Medium — 77 G[11] PCR[107] ALT0 ALT1 ALT2 ALT3 — GPIO[107] — — — FAULT[3] SIU Lite — — — FlexPWM0 I/O — — — I Slow Medium — 75 1 ALT0 is the primary (default) function for each port after reset. 2 Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIU module. PCR[PA] = 00 → ALT0; PCR[PA] = 01 → ALT1; PCR[PA] = 10 → ALT2; PCR[PA] = 11 → ALT3. This is intended to select the output functions; to use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the values selected in the PCR[PA] bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 3 Module included on the MCU. 4 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of the PSMI[PADSELx] bitfields inside the SIUL module. 5 Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register. 6 Weak pull down during reset. Table 4. Pin muxing (continued) Port pin PCR register Alternate function1,2 Functions Peripheral3 I/O direction4 Pad speed5 Pin SRC = 0 SRC = 1 100-pin 144-pin |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |