| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5123 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5123 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 86 page ![]() MPC5121E/MPC5123 Data Sheet, Rev. 4 Pin Assignments Freescale Semiconductor 10 I2C1_SDA AB23 General IO VDD_IO — I2C2_SCL AC25 General IO VDD_IO — I2C2_SDA AA22 General IO VDD_IO — IRQ Interface (2 Total) IRQ0 AC26 General IO VDD_IO — IRQ1 AB25 General IO VDD_IO — CAN Interface (4 Total) CAN1_RX C19 Analog Input VBAT_RTC — CAN1_TX A18 General IO VDD_IO — CAN2_RX B19 Analog Input VBAT_RTC — CAN2_TX E16 General IO VDD_IO — J1850 Interface (2 Total) J1850_TX Y22 General IO VDD_IO — J1850_RX AA24 General IO VDD_IO — SPDIF Interface (3 Total) SPDIF_TXCLK AB21 General IO VDD_IO — SPDIF_TX AD24 General IO VDD_IO — SPDIF_RX AC24 General IO VDD_IO — PCI (54 Total) PCI_INTA U23 PCI VDD_IO — PCI_RST_OUT F22 PCI VDD_IO — PCI_AD00 U24 PCI VDD_IO — PCI_AD01 V26 PCI VDD_IO — PCI_AD02 U25 PCI VDD_IO — PCI_AD03 R22 PCI VDD_IO — PCI_AD04 U26 PCI VDD_IO — PCI_AD05 T24 PCI VDD_IO — PCI_AD06 R23 PCI VDD_IO — PCI_AD07 T26 PCI VDD_IO — PCI_AD08 R26 PCI VDD_IO — PCI_AD09 P23 PCI VDD_IO — PCI_AD10 R24 PCI VDD_IO — PCI_AD11 R25 PCI VDD_IO — PCI_AD12 P26 PCI VDD_IO — Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 5 of 12) Signal Package Pin Number Pad Type Power Supply Notes |