công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QG4MPBE bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QG4MPBE
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG4MPBE bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG4MPBE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 314 page
background image
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
Freescale Semiconductor
11
Section Number
Title
Page
Chapter 6
Parallel Input/Output Control
6.1
Port Data and Data Direction .......................................................................................................... 77
6.2
Pin Control — Pullup, Slew Rate, and Drive Strength ................................................................... 78
6.3
Pin Behavior in Stop Modes............................................................................................................ 79
6.4
Parallel I/O Registers ...................................................................................................................... 79
6.4.1 Port A Registers .................................................................................................................79
6.4.2 Port A Control Registers....................................................................................................80
6.4.3 Port B Registers .................................................................................................................83
6.4.4 Port B Control Registers ....................................................................................................84
Chapter 7
Central Processor Unit (S08CPUV2)
7.1
Introduction ..................................................................................................................................... 87
7.1.1 Features..............................................................................................................................87
7.2
Programmer’s Model and CPU Registers ....................................................................................... 88
7.2.1 Accumulator (A) ................................................................................................................88
7.2.2 Index Register (H:X) .........................................................................................................88
7.2.3 Stack Pointer (SP) ..............................................................................................................89
7.2.4 Program Counter (PC) .......................................................................................................89
7.2.5 Condition Code Register (CCR) ........................................................................................89
7.3
Addressing Modes........................................................................................................................... 91
7.3.1 Inherent Addressing Mode (INH)......................................................................................91
7.3.2 Relative Addressing Mode (REL) .....................................................................................91
7.3.3 Immediate Addressing Mode (IMM).................................................................................91
7.3.4 Direct Addressing Mode (DIR) .........................................................................................91
7.3.5 Extended Addressing Mode (EXT) ...................................................................................92
7.3.6 Indexed Addressing Mode .................................................................................................92
7.4
Special Operations........................................................................................................................... 93
7.4.1 Reset Sequence ..................................................................................................................93
7.4.2 Interrupt Sequence .............................................................................................................93
7.4.3 Wait Mode Operation.........................................................................................................94
7.4.4 Stop Mode Operation.........................................................................................................94
7.4.5 BGND Instruction..............................................................................................................95
7.5
HCS08 Instruction Set Summary .................................................................................................... 96
Chapter 8
Analog Comparator (S08ACMPV2)
8.1
Introduction ................................................................................................................................... 107
8.1.1 ACMP Configuration Information...................................................................................107
8.1.2 ACMP/TPM Configuration Information .........................................................................107
8.1.3 Features............................................................................................................................109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com