công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OXUFS936DSE bảng dữ liệu(PDF) 2 Page - PLX Technology

tên linh kiện OXUFS936DSE
Giải thích chi tiết về linh kiện  Universal Interface to Dual SATA RAID Controller with Encryption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PLX [PLX Technology]
Trang chủ  http://www.plxtech.com
Logo PLX - PLX Technology

OXUFS936DSE bảng dữ liệu(HTML) 2 Page - PLX Technology

  OXUFS936DSE Datasheet HTML 1Page - PLX Technology OXUFS936DSE Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OXUF936DSE, Universal Interface to Dual SATA RAID Controller with Encryption
RAID
The chip supports several RAID functions, including:
o
Striping (RAID 0) delivers the highest performance
but provides no data integrity or redundancy.
o
Mirroring (RAID 1) provides the highest level of data
integrity with 100% data redundancy.
o
Spanning (concatenation) presents all drives as a
single large volume.
Encryption
The integrated hardware cipher engine supports real-time,
on-the-fly encryption / decryption of the data to the
Advanced Encryption Standard (AES), providing a means
whereby a users’ data can be securely stored, and made
unavailable to unauthorized users.
In addition to a high-performance cipher engine, the
OXUFS936DE is complemented by robust authentication
solutions, including software password. A customizable
host application, the Oxford Semiconductor Authenticator,
is provided for both PCs and Mac hosts to:
o
Define and manage up to 10 passwords
o
Authenticate and mount the drive
o
Safely de-authenticate and unmount the drive.
Development Tools
For external Mac and PC storage solutions, Oxford
Semiconductor offers a comprehensive support package
including:
o
Reference designs comprising both hardware and
software components
o
Evaluation boards and application notes
o
Software Development Kit (SDK) comprising source
code and debug boards
Product Ordering Information
Part Number
Description
OXUF936DSE-
FBAG
Universal Interface to Dual SATA
RAID Controller with Encryption
PLX Technology, Inc. All rights reserved. PLX and the PLX logo are trademarks
of PLX Technology, Inc. All other product names that appear in this material are
for identification purposes only and are acknowledged to be trademarks or
registered trademarks of their respective companies. Information supplied by
PLX is believed to be accurate and reliable, but PLX assumes no responsibility
for any errors that may appear in this material. PLX reserves the right, without
notice, to make changes in product design or specification.
Visit www.plxtech.com for more information.
© PLX Technology, www.plxtech.com
Page 2 of 2
4/8/2009, Version 1.0



Html Pages

1 2