| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OXE810SE bảng dữ liệu(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
OXE810SE bảng dữ liệu(HTML) 2 Page - PLX Technology |
|
2 / 2 page ![]() OXU810SE, Single Drive NAS System Device with Encryption Development Tools and Custom Solutions For external Mac and PC storage solutions, Oxford Semiconductor offers a comprehensive support package including: o Reference designs comprising both hardware and software components o Evaluation boards o Software Development Kit (SDK) comprising source code and debug boards o Extensive range of application notes OXE810SE Block Diagram Product Ordering Information Part Number Description OXU810SE- PBAG Single Drive NAS System Device with Encryption PLX Technology, Inc. All rights reserved. PLX and the PLX logo are trademarks of PLX Technology, Inc. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX assumes no responsibility for any errors that may appear in this material. PLX reserves the right, without notice, to make changes in product design or specification. Visit www.plxtech.com for more information. © PLX Technology, www.plxtech.com Page 2 of 2 4/8/2009, Version 1.0 |