| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OXPCIE200 bảng dữ liệu(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
OXPCIE200 bảng dữ liệu(HTML) 2 Page - PLX Technology |
|
2 / 2 page ![]() Outstanding Performance The OXPCIe200 achieves ultra high performance by combining the class leading connectivity interface technology, with advanced MSI interrupt handling on-board memory and bus master DMA for maximum throughput, minimum CPU overhead and optimal system performance. With a compact footprint, comprehensive power management and industrial temperature range as standard, the OXPCIe200 is perfect for power and temperature sensitive ExpressCard and miniCard designs and is the perfect choice for high performance systems. To support these advanced connectivity options, the OXPCIe200 uses operating system native USB drivers and dedicated PLX device drivers that are quality assured, exhaustively tested and WHQL approved; saving development time and providing peace of mind. OXPCIe200 Development Support Design and evaluation of the OXPCIe200 couldn’t be easier with this comprehensive reference design kit (RDK). The RDK includes everything you need for PC installation and evaluation including Hardware, Oxide Development Tools and software device drivers. Simply plug the half length PCI Express or ExpressCard evaluation board into any PCI Express or ExpressCard slot, install the software and its ready to go. Changing the dynamics of device customization, Oxide development tools enable customization of the OXPCIe200 in minutes. No more complex, time consuming, error prone manual editing of programming files and driver source code; Oxide’s intuitive graphical user interface provides simple ‘point and click’ feature selection and text box entry for fast, error free customization with minimal software expertise as well as instant access to up to date documentation, software and reference designs. Check the PLX website for details. Ordering Information Part Number Description OXPCIe200-TAAG PCI Express Multi-Port Bridge EK-OXPCIe200 Reference Design Kit |