công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2F1G20P bảng dữ liệu(PDF) 2 Page - RFHIC

tên linh kiện 2F1G20P
Giải thích chi tiết về linh kiện  CATV Line Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFHIC [RFHIC]
Trang chủ  http://www.rfhic.com
Logo RFHIC - RFHIC

2F1G20P bảng dữ liệu(HTML) 2 Page - RFHIC

  2F1G20P Datasheet HTML 1Page - RFHIC 2F1G20P Datasheet HTML 2Page - RFHIC 2F1G20P Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
CA
AT
TV
V L
Liin
ne
e A
Am
mp
plliiffiie
er
r 22F
F1
1G
G2
20
0P
P
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Notes;
135 Channels, NTSC frequency raster: 55.25MHz to 859.25MHz, +40dBmV flated output level.
CTB, XMOD, CSO definitions follow NCTA definition
CHARACTERISTICS
Bandwidth 45 to 1000MHz; VCC = 24V; Tcase = 25℃; ZS = ZL = 75Ω
DISTORTION
Bandwidth 45 to 870MHz; VCC = 24V; Tcase = 25℃; ZS = ZL = 75Ω
ESD PROTECTION
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity.
Proper ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f = 45 MHz
19.5
-
20.5
dB
Gp
Power Gain
f = 1000 MHz
20.5
-
22.0
dB
SL
Slope Cable Equivalent
f = 45 to 1000 MHz
1.0
-
2.0
dB
FL
Flatness of Frequency Response
f = 45 to 1000 MHz
-
-
0.6
dB
f = 45 to 80 MHz
20.0
-
-
dB
f = 80 to 160 MHz
19.0
-
-
dB
f = 160 to 320 MHz
18.0
-
-
dB
f = 320 to 640 MHz
17.0
-
-
dB
S11
Input Return Loss
f = 640 to 1000 MHz
16.0
-
-
dB
f = 45 to 80 MHz
20.0
-
-
dB
f = 80 to 160 MHz
19.0
-
-
dB
f = 160 to 320 MHz
18.0
-
-
dB
f = 320 to 640 MHz
17.0
-
-
dB
S22
Output Return Loss
f = 640 to 1000 MHz
15.0
-
-
dB
f = 45 MHz
-
5.0
6.0
dB
F
Noise Figure
f = 1000 MHz
-
5.8
8.0
dB
Itot
Total Current Consumption (DC)
200
220
240
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CTB
Composite triple beat
135 channel flat; Vo = 40dBmV
-
-60
-57
dBc
XMOD
Cross modulation
135 channel flat; Vo = 40dBmV
-
-63
-53
dBc
CSO
Composite second order distortion
135 channel flat; Vo = 40dBmV
-
-64
-58
dBc



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com