công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP260 bảng dữ liệu(PDF) 2 Page - RFHIC

tên linh kiện CP260
Giải thích chi tiết về linh kiện  Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFHIC [RFHIC]
Trang chủ  http://www.rfhic.com
Logo RFHIC - RFHIC

CP260 bảng dữ liệu(HTML) 2 Page - RFHIC

  CP260 Datasheet HTML 1Page - RFHIC CP260 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P2
26
60
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.2
Typical Performance Data at 25℃ (SOIC-8 Package)
2.54
2.58
2.62
2.66
2.50
2.70
-2.5
-2.0
-1.5
-1.0
-0.5
-3.0
0.0
Frequency(GHz)
Insertion Loss vs. Frequency
2.54
2.58
2.62
2.66
2.50
2.70
-20
-15
-10
-5
0
-25
5
Frequency(GHz)
Output Return Loss vs. Frequency
2.54
2.58
2.62
2.66
2.50
2.70
-15
-10
-5
0
5
-20
10
Frequency(GHz)
Coupling Port Return Loss vs. Frequency
2.54
2.58
2.62
2.66
2.50
2.70
-20
-15
-10
-5
0
-25
5
Frequency(GHz)
Input Return Loss vs. Frequency
2.54
2.58
2.62
2.66
2.50
2.70
-18
-16
-14
-12
-20
-10
Frequency(GHz)
Coupling vs. Frequency
2.54
2.58
2.62
2.66
2.50
2.70
-25
-20
-15
-10
-5
-30
0
Frequency(GHz)
Isolation vs. Frequency
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com