| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5713 bảng dữ liệu(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5713 bảng dữ liệu(HTML) 56 Page - Texas Instruments |
|
56 / 63 page ![]() TAS5713 SLOS637 – DECEMBER 2009 www.ti.com Table 22. PWM Output Mux Register (0x25) (continued) – – 1 1 – – – – Multiplex channel 2 to OUT_C – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex channel 1 to OUT_D – – – – – – 0 1 Multiplex channel 2 to OUT_D – – – – – – 1 0 Multiplex channel 1 to OUT_D – – – – – – 1 1 Multiplex channel 2 to OUT_D (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 0 0 0 1 0 1 Reserved(1) DRC CONTROL (0x46) Table 23. DRC Control Register (0x46) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved(1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 0 0 0 0 Reserved(1) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 0 0 0 0 0 0 Reserved(1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION – – 0 – – – – – Reserved(2) – – 1 – – – – – Reserved(2) – – – 0 – – – – Reserved(1) (2) – – – – – 0 – – Reserved(1) (2) – – – – – – 0 – DRC2 turned OFF(1) – – – – – – 1 – DRC2 turned ON – – – – – – – 0 DRC1 turned OFF(1) – – – – – – – 1 DRC1 turned ON 0 0 – – 0 – – – Reserved(1) (1) Default values are in bold. (2) Reserved registers should not be accessed. 56 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TAS5713 |