7 / 8 page

E
E--p
pH
HE
EM
MT
T
A
AE
E6
61
16
6
Application Circuit : 3400~3600MHz
L
L3
L=2.2 nH
R
R11
R=0 Ohm
R
R12
R=0 Ohm
C
C2
C=1.2 pF
L
L2
L=12 nH
C
C11
C=10 pF
C
C12
C=3 pF
C
C1
C=0.5 pF
C
C10
C=100 nF
L
L1
L=8.2 nH
R
R10
R=51 Ohm
R
R6
R=200 Ohm
Amplifier
AE616
Port
Vdc
Port
Output
Port
Input
R
R3
R=910 Ohm
R
R2
R=300 Ohm
R
R8
R=0 Ohm
R
R4
R=100 Ohm
Wimax (3400~3600MHz) Performance Data (Vd=5V, Tc=25℃)
Data
Data
Items
Min
Typ
Max
Remarks
MHz
Items
Min
Typ
Max
Remarks
MHz
Gain
11dB
3400~3600
NF
1.7dB
2dB
3400~3600
OIP3
38dBm
40dBm
3400~3600
P1dB
22dBm
24dBm
3400~3600
Noise Figure vs. Frequency
0
1
2
3
4
3360
3420
3480
3540
3600
3660
3720
Freq(MHz)
S-Parameter v s. Frequency
-35
-30
-25
-20
-15
-10
-5
0
5
3360
3420
3480
3540
3600
3660
3720
Freq(MHz)
4
5
6
7
8
9
10
11
12
S11(dB)
S22(dB)
S 21(dB)
P1dB v s. Frequency
21
22
23
24
25
3360
3400
3440
3480
3520
3560
3600
3640
3680
3720
Freq(MHz)
OIP3 v s. Frequency
32
34
36
38
40
42
3360
3400
3440
3480
3520
3560
3600
3640
3680
3720
Freq(MHz)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.4