công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APL3201 bảng dữ liệu(PDF) 4 Page - Anpec Electronics Coropration

tên linh kiện APL3201
Giải thích chi tiết về linh kiện  Li Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANPEC [Anpec Electronics Coropration]
Trang chủ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3201 bảng dữ liệu(HTML) 4 Page - Anpec Electronics Coropration

  APL3201 Datasheet HTML 1Page - Anpec Electronics Coropration APL3201 Datasheet HTML 2Page - Anpec Electronics Coropration APL3201 Datasheet HTML 3Page - Anpec Electronics Coropration APL3201 Datasheet HTML 4Page - Anpec Electronics Coropration APL3201 Datasheet HTML 5Page - Anpec Electronics Coropration APL3201 Datasheet HTML 6Page - Anpec Electronics Coropration APL3201 Datasheet HTML 7Page - Anpec Electronics Coropration APL3201 Datasheet HTML 8Page - Anpec Electronics Coropration APL3201 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Mar., 2009
APL3201
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
IN=5V, VBATT=4.2V, VTHRM=VREF/2, TJ= -40~125 °C, TA= -40~85°C
,
unless otherwise specified. Typical values are at T
A=25°C.
APL3201
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START AND REVSRSE CURRENT
TSS
Soft-Start Interval
ICHG=0A to Fast-Charging
Current
4
7
12
ms
BATT Input Current
VIN=0V, VBATT=4.2V
-
-
8
µA
BATT Shutdown Input Current
VEN=0V, VIN=5V,
VBATT=4.2V
-
-
4
µA
LOGIC INPUT/OUTPUTS
STAT1, STAT2 Logic-Low Output
Sinking 10mA
-
-
0.4
V
STAT1, STAT2 Off-Leakage Current
VSTAT1, 2=5V, VIN=0V
-
-
1
µA
EN Logic Input-High Level
1.6
-
-
V
EN Logic Input-Low Level
-
-
0.4
V
EN Input Bias Current
-
-
1
µA
PIN
NO.
NAME
FUNCTION
1
VIN
Input Supply Pin. Provides power to the charger, VIN can range from 4.35V to 6.0V and should be
bypassed with at least a 4.7
µF capacitor.
2
STAT1
Charge Status Output Pin 1. This pin is an active-high, open-drain output pin.
3
ISET
Charging Current Setting Pin. Connecting a resistor from this pin to GND set the fast-charge
current when the VIN is powering the charger.
4
GND
Ground.
5
EN
Charging Enable/Disable Control Pin. Drive EN high to begin charging, and EN low to stop
charging.
6
THRM
External Thermistor Connection Pin. THRM pauses charging when an externally connected
thermistor (10k
Ω at +25°C) is at less than 0°C or greater than +50°C. Connecting this pin to GND
disables this function.
7
REF
3V Reference Voltage Output Pin. Sources up to 500
µA to bias the external thermistor. Bypass
with 0.1
µF to GND. REF loading does not affect BATT regulation accuracy.
8
STAT2
Charge Status Output Pin 2. This pin is an active-high, open-drain output pin.
9
BYP
Bias Supply Pin for Internal Circuitry. Bypass with a 2.2
µF capacitor to GND.
10
BATT
Charger Output Pin. Connect this pin to the positive terminal of a Li+ battery.
-
EP
Exposed Pad. Connect a large ground plane for maximum package heat dissipation. Connect
directly to GND under the IC.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com