công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3603IMSE bảng dữ liệu(PDF) 3 Page - Linear Technology

tên linh kiện LTC3603IMSE
Giải thích chi tiết về linh kiện  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3603IMSE bảng dữ liệu(HTML) 3 Page - Linear Technology

  LTC3603IMSE Datasheet HTML 1Page - Linear Technology LTC3603IMSE Datasheet HTML 2Page - Linear Technology LTC3603IMSE Datasheet HTML 3Page - Linear Technology LTC3603IMSE Datasheet HTML 4Page - Linear Technology LTC3603IMSE Datasheet HTML 5Page - Linear Technology LTC3603IMSE Datasheet HTML 6Page - Linear Technology LTC3603IMSE Datasheet HTML 7Page - Linear Technology LTC3603IMSE Datasheet HTML 8Page - Linear Technology LTC3603IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC3603
3
3603fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3603E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3603I is guaranteed
over the –40°C to 125°C operating junction temperature range.
Note 3: The LTC3603 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PVIN
Operating Voltage Range
4.5
15
V
VFB
Regulated Feedback Voltage
ITH = 0.7V (Note 3)
l
0.594
0.6
0.606
V
ΔVFB(LINEREG)
Feedback Voltage Line Regulation
VIN = 5V to 15V, ITH = 0.7V
0.005
%/V
ΔVFB(LOADREG)
Feedback Voltage Load Regulation
ITH = 0.36V to 0.84V
l
0.02
0.1
%
ΔVPGOOD
Power Good Range
±10
±12
%
RPGOOD
Power Good Resistance
55
80
Ω
IFB
FB Input Bias Current
10
nA
gm
Transconductance Amplifier gm
1.7
mS
IS
Supply Current
Active Mode
Sleep Mode
Shutdown
(Note 4)
500
75
0.2
700
100
1
μA
μA
μA
INTVCC
VCC LDO Output Voltage
4.7
4.9
5.1
V
tON, MIN
Minimum Controllable ON-Time
95
115
ns
VRUN
RUN Pin ON Threshold
VRUN Rising
l
0.4
0.7
1
V
ITRACK/SS
TRACK/SS Pull-Up Current
TRACK/SS = 1V
1.25
μA
fOSC
Oscillator Frequency
RT = 105k
0.85
1
1.15
MHz
fSYNC
SYNC Capture Range
0.3
3
MHz
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
85
45
m
Ω
m
Ω
ILIM
Peak Current Limit
3.8
4.5
5.2
A
ILSW
Switch Leakage Current
0.1
1
μA
VUVLO
INTVCC Undervoltage Lockout
INTVCC Ramping Up
l
4.1
4.2
4.3
V
VUVLO, HYS
INTVCC Undervoltage Lockout Hysteresis
700
mV
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise specified.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and the power
dissipation as follows: TJ = TA + (PD)(θJAºC/W).
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: This limit indicates the current density limitations of the internal
metallization and it is not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com