công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP3406 bảng dữ liệu(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AP3406
Giải thích chi tiết về linh kiện  1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3406 bảng dữ liệu(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3406 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3406 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
2
EN
SW
GND
VIN
FB
1
2
34
5
Pin Configuration
KT/K Package
TSOT-23-5/SOT-23-5
Figure 2. Pin Configuration of AP3406 (Top View)
Pin Description
Pin
Number
Pin
Name
Function
1
EN
Control input pin. Forcing this pin above 1.5V enables the IC. Forcing this pin
below 0.6V shuts down the IC. When the IC is in shutdown mode, all functions
are disabled to decrease the supply current below 1
μA
2
GND
Ground pin
3
SW
Power switch output pin. Inductor connection to drain of the internal PFET and
NFET switches
4
VIN
Supply input pin. Bypass to GND with a 4.7
μF or greater ceramic capacitor
5
FB
Feedback pin. Connect it with an external resistor divider network to program
the system output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12