| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHP-50A-R10JNR bảng dữ liệu(PDF) 2 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
RHP-50A-R10JNR bảng dữ liệu(HTML) 2 Page - American Accurate Components, Inc. |
|
2 / 8 page ![]() American Accurate Components, Inc. HIGH POWER RESISTOR – 20W to 140W The content of this specification may change without notification 12/07/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 2 OVERVIEW Model Physical (top & bottom view) Features RHP-10X TO126 Package 20W high power resistor 5.9 C/W heat resistance from hot spot to flange. 0.10 ohm to 220 ohm resistance range RPH-10B TO220 Package Through hole RHP-10B 20W high power 5.9 C/W heat resistance from hot spot to flange via thin film metallization technology 0.10 ohm to 220 ohm resistance range RHP-10C TO220 Package Surface mount RHP-10C 10W high power 5.9 C/W heat resistance from hot spot to flange via thin film metallization technology 0.10 ohm to 220 ohm resistance range RHP-20B TO220 Package Through hole RHP-20B 35W high power 3.3 C/W heat resistance from hot spot to flange via thin film metallization technology 0.02 ohm to 220 ohm resistance range RHP-20C TO220 Package Surface mount RHP-20C 20W 3.3 C/W heat resistance from hot spot to flange via thin film metallization technology 0.02 ohm to 220 ohm resistance range RHP-20D TO263 (D2P) Package - Surface Mount Molded 20W high power resistor 3.3 C/W heat resistance from hot spot to flange via thin film metallization technology 0.01 ohm to 51K ohm resistance range RHP-50A TO247 Package 100W high power resistor 1.3 C/W heat resistance from hot spot to flange via thin film metallization technology 0.01 ohm to 220 ohm resistance range RHP-50B TO220 Package Through hole RHP-50B 50W high power 2.3 C/W heat resistance from hot spot to flange via thin film metallization technology 0.10 ohm to 220 ohm resistance range RHP-50C TO220 Package Surface mount RHP-50C 50W high power 2.3 C/W heat resistance from hot spot to flange via thin film metallization technology 0.10 ohm to 220 ohm resistance range RHP-100A TO247 Package 140W high power resistor 0.9 C/W heat resistance from hot spot to flange or metal back plate. via thin film metallization technology 0.02 ohm to 220 ohm resistance range |