công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4684 bảng dữ liệu(PDF) 1 Page - Pomona Electronics

tên linh kiện 4684
Giải thích chi tiết về linh kiện  Adapter - BNC Female To Banana Plug With Ground Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POMONA [Pomona Electronics]
Trang chủ  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4684 bảng dữ liệu(HTML) 1 Page - Pomona Electronics

  4684 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90601 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4684_1_01.doc
Page 1 of
1
Model 4684
Adapter – BNC Female To
Banana Plug With Ground Lead
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Permits BNC male to be used with equipment having standard banana jacks.
• Allows the ground jack to be located up to 63,5 (2.50) away from the output/input jack.
MATERIALS:
Upper Conn: BNC Female
Finish: Body – Tarnish resistant.
Center Contact – Gold plated per requirements of MIL-C-39012.
Insulation: Polypropylene molded to connector, plug body and wire.
Color: Red.
Marking: “POMONA 4684.”
Ground Lead: In-line Banana Plug. Spring – Beryllium Copper per QQ-C-533, Alloy 172,
Cond. H.T.
Material: Body – Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
Wire: 18 AWG, stranding 65 x 36 t.c., PVC insulated, 3.66 (.144) O.D.
Color: Black
Banana Plug Insulation: Polypropylene molded to plug body and wire.
Color: Black.
Lower Conn: Banana Plug
Material: Spring – Beryllium Copper per QQ-C-533, Alloy 172, Cond. H.T.
Body – Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
RATINGS:
Operating Temperature: +55º C. (+131º F.) Max.
Voltage: Hand-held Testing: 30VAC/60VEDC Max.
Hand Free Testing in Controlled Voltage Environments: 500 VRMS Max.
ORDERING INFORMATION: Model 4684


Số phần tương tự - 4684

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
4684 ETC-4684 Datasheet
91Kb / 1P
Heyco짰-Tite EMC Brass Locknuts
logo
Heyco.
4684 HEYCO-4684 Datasheet
250Kb / 1P
Heyco®-Tite EMC-2 Brass Liquid Tight Cordgrips
logo
Keystone Electronics Co...
4684 KEYSTONE-4684 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
logo
List of Unclassifed Man...
4684XG ETC1-4684XG Datasheet
466Kb / 9P
Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
More results

Mô tả tương tự - 4684

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pomona Electronics
1894 POMONA-1894 Datasheet
21Kb / 1P
BNC (Female) to Single Banana Plug Adapter
3269 POMONA-3269 Datasheet
32Kb / 1P
Adapter - BNC Female To Miniature Double Banana Plug
3846 POMONA-3846 Datasheet
27Kb / 1P
Adapter, Isolated Ground BNC Female To Female
logo
Pasternack Enterprises,...
PE9008 PASTERNACK-PE9008 Datasheet
235Kb / 2P
Double Banana Plug to 50 Ohm BNC Female Adapter
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9175 PASTERNACK-PE9175 Datasheet
234Kb / 2P
Banana Plug to 50 Ohm BNC Female Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
logo
Pomona Electronics
MODEL1894 POMONA-MODEL1894 Datasheet
21Kb / 1P
BNC (Female) to Single Banana Plug Adapter
MODEL3269 POMONA-MODEL3269 Datasheet
32Kb / 1P
Adapter ??BNC Female To Miniature Double Banana Plug
MODEL4684 POMONA-MODEL4684 Datasheet
22Kb / 1P
Adapter ??BNC Female To Banana Plug With Ground Lead
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com