| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny261A-MU bảng dữ liệu(PDF) 86 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny261A-MU bảng dữ liệu(HTML) 86 Page - ATMEL Corporation |
|
86 / 292 page ![]() 86 8197A–AVR–10/09 ATtiny261A/461A/861A • Bit 1 – TOV0: Timer/Counter0 Overflow Flag The bit TOV0 is set when an overflow occurs in Timer/Counter0. TOV0 is cleared by hardware when executing the corresponding interrupt handling vector. Alternatively, TOV0 is cleared by writing a logic one to the flag. When the SREG I-bit, TOIE0 (Timer/Counter0 Overflow Interrupt Enable), and TOV0 are set, the Timer/Counter0 Overflow interrupt is executed. • Bits 0 – ICF0: Timer/Counter0, Input Capture Flag This flag is set when a capture event occurs on the ICP0 pin. When the Input Capture Register (ICR0) is set to be used as the TOP value, the ICF0 flag is set when the counter reaches the TOP value. ICF0 is automatically cleared when the Input Capture Interrupt Vector is executed. Alternatively, ICF0 can be cleared by writing a logic one to its bit location. |