| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATxmega64A3 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATxmega64A3 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 108 page ![]() 3 8068O–AVR–11/09 XMEGA A3 2. Pinout/Block Diagram Figure 2-1. Block diagram and pinout. Note: 1. For full details on pinout and alternate pin functions refer to ”Pinout and Pin Functions” on page 49. INDEX CORNER 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 PF2 PF1 PF0 VCC GND PE7 PE6 PE5 PE4 PE3 PE2 PE1 PE0 VCC GND PD7 PA3 PA4 PA5 PA6 PA7 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 GND VCC PC0 FLASH RAM E2PROM DMA Interrupt Controller OCD ADC A ADC B DAC B AC A0 AC A1 AC B0 AC B1 Event System ctrl Port R Power Control Reset Control Watchdog OSC/CLK Control BOD POR RTC EVENT ROUTING NETWORK DATA BU S DATA BU S VREF TEMP Port C Port D Port E Port F CPU |