| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATxmega32A4 bảng dữ liệu(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATxmega32A4 bảng dữ liệu(HTML) 39 Page - ATMEL Corporation |
|
39 / 104 page ![]() 39 8069L–AVR–11/09 XMEGA A4 23. IRCOM - IR Communication Module 23.1 Features • Pulse modulation/demodulation for infrared communication • Compatible to IrDA 1.4 physical for baud rates up to 115.2 kbps • Selectable pulse modulation scheme – 3/16 of baud rate period – Fixed pulse period, 8-bit programmable – Pulse modulation disabled • Built in filtering • Can be connected to and used by one USART at a time 23.2 Overview XMEGA contains an Infrared Communication Module (IRCOM) for IrDA communication with baud rates up to 115.2 kbps. This supports three modulation schemes: 3/16 of baud rate period, fixed programmable pulse time based on the Peripheral Clock speed, or pulse modulation dis- abled. There is one IRCOM available which can be connected to any USART to enable infrared pulse coding/decoding for that USART. |