| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega3250P bảng dữ liệu(PDF) 99 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega3250P bảng dữ liệu(HTML) 99 Page - ATMEL Corporation |
|
99 / 364 page ![]() 99 8023F–AVR–07/09 ATmega325P/3250P symmetry around BOTTOM the OCn value at MAX must correspond to the result of an up- counting Compare Match. • The timer starts counting from a value higher than the one in OCR0A, and for that reason misses the Compare Match and hence the OCn change that would have happened on the way up. 14.8 Timer/Counter Timing Diagrams The Timer/Counter is a synchronous design and the timer clock (clk T0) is therefore shown as a clock enable signal in the following figures. The figures include information on when Interrupt Flags are set. Figure 4 contains timing data for basic Timer/Counter operation. The figure shows the count sequence close to the MAX value in all modes other than phase correct PWM mode. Figure 4. Timer/Counter Timing Diagram, no Prescaling Figure 5 shows the same timing data, but with the prescaler enabled. Figure 5. Timer/Counter Timing Diagram, with Prescaler (f clk_I/O/8) Figure 6 shows the setting of OCF0A in all modes except CTC mode. Figure 6. Timer/Counter Timing Diagram, Setting of OCF0A, with Prescaler (f clk_I/O/8) clk Tn (clk I/O/1) TOVn clk I/O TCNTn MAX - 1 MAX BOTTOM BOTTOM + 1 TOVn TCNTn MAX - 1 MAX BOTTOM BOTTOM + 1 clk I/O clk Tn (clk I/O/8) OCFnx OCRnx TCNTn OCRnx Value OCRnx - 1 OCRnx OCRnx + 1 OCRnx + 2 clk I/O clk Tn (clk I/O/8) |