công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATtiny24-20MU bảng dữ liệu(PDF) 28 Page - ATMEL Corporation

tên linh kiện ATtiny24-20MU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20MU bảng dữ liệu(HTML) 28 Page - ATMEL Corporation

Back Button ATtiny24-20MU Datasheet HTML 24Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 25Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 26Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 27Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 28Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 29Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 30Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 31Page - ATMEL Corporation ATtiny24-20MU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 236 page
background image
28
8006H–AVR–10/09
ATtiny24/44/84
6.2.4
Low-Frequency Crystal Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the low-frequency crystal
oscillator must be selected by setting CKSEL fuses to ‘0110’. The crystal should be connected
as shown in Figure 6-3. To find suitable capacitors please consult the manufacturer’s datasheet.
For this oscillator start-up times can be set with the SUT fuses, as shown in Table 6-7.
Notes:
1. These options should be used only if frequency stability at start-up is not important.
6.2.5
Crystal Oscillator / Ceramic Resonator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be con-
figured for use as an On-chip Oscillator, as shown in Figure 6-3 Either a quartz crystal or a
ceramic resonator may be used.
Figure 6-3.
Crystal Oscillator Connections
C1 and C2 should always be equal for both crystals and resonators. The optimal value of the
capacitors depends on the crystal or resonator in use, the amount of stray capacitance, and the
electromagnetic noise of the environment. Some initial guidelines for choosing capacitors for
use with crystals are given in Table 6-9 below. For ceramic resonators, the capacitor values
given by the manufacturer should be used.
Table 6-7.
Start-up Times for the Low-Frequency Crystal Oscillator Clock Selection
SUT1..0
Start-up Time
from Power Down
Additional Delay
from Reset
Recommended usage
00
1K CK(1)
4 ms
Fast rising power or BOD enabled
01
1K CK(1)
64 ms
Slowly rising power
10
32K CK
64 ms
Stable frequency at start-up
11
Reserved
Table 6-8.
Capacitance for the Low-Frequency Crystal Oscillator
Device
32 kHz Osc.
Type
Cap
(Xtal1/Tosc1)
Cap
(Xtal2/Tosc2)
ATtiny24/44/88
System Osc.
16 pF
6 pF
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com