| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega328P bảng dữ liệu(PDF) 302 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega328P bảng dữ liệu(HTML) 302 Page - ATMEL Corporation |
|
302 / 345 page ![]() 302 7810A–AVR–11/09 ATmega328P [Preliminary] Notes: 1. Not all instructions are applicable for all parts. 2. a = address. 3. Bits are programmed ‘0’, unprogrammed ‘1’. 4. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’) . 5. Refer to the correspondig section for Fuse and Lock bits, Calibration and Signature bytes and Page size. 6. Instructions accessing program memory use a word address. This address may be random within the page range. 7. See htt://www.atmel.com/avr for Application Notes regarding programming and programmers. If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until this bit returns ‘0’ before the next instruction is carried out. Within the same page, the low data byte must be loaded prior to the high data byte. After data is loaded to the page buffer, program the EEPROM page, see Figure 27-8 on page 303. Read Calibration Byte $38 $00 $00 data byte out Write Instructions(6) Write Program Memory Page $4C adr MSB adr LSB $00 Write EEPROM Memory $C0 0000 00aa aaaa aaaa data byte in Write EEPROM Memory Page (page access) $C2 0000 00aa aaaa aa00 $00 Write Lock bits $AC $E0 $00 data byte in Write Fuse bits $AC $A0 $00 data byte in Write Fuse High bits $AC $A8 $00 data byte in Write Extended Fuse Bits $AC $A4 $00 data byte in Table 27-17. Serial Programming Instruction Set (Hexadecimal values) (Continued) Instruction/Operation Instruction Format Byte 1 Byte 2 Byte 3 Byte4 |