| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny87-15MZ bảng dữ liệu(PDF) 51 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny87-15MZ bảng dữ liệu(HTML) 51 Page - ATMEL Corporation |
|
51 / 282 page ![]() 51 7728D–AVR–07/09 ATtiny87/ATtiny167 Figure 6-3. MCU Start-up, RESET Extended Externally 6.1.4 External Reset An External Reset is generated by a low level on the RESET pin. Reset pulses longer than the minimum pulse width (see Table 22-3 on page 246) will generate a reset, even if the clock is not running. Shorter pulses are not guaranteed to generate a reset. When the applied signal reaches the Reset Threshold Voltage – V RST – on its positive edge, the delay counter starts the MCU after the Time-out period – t TOUT – has expired. The External Reset can be disabled by the RSTDISBL fuse, see Table 21-4 on page 226. Figure 6-4. External Reset During Operation 6.1.5 Brown-out Detection ATtiny87/167 has an On-chip Brown-out Detection (BOD) circuit for monitoring the Vcc level during operation by comparing it to a fixed trigger level. The trigger level for the BOD can be selected by the BODLEVEL Fuses (See ”BODLEVEL Fuse Coding” on page 247.). The trigger level has a hysteresis to ensure spike free Brown-out Detection. The hysteresis on the detec- tion level should be interpreted as V BOT + =VBOT +VHYST /2andVBOT– =VBOT -VHYST /2. When the BOD is enabled, and Vcc decreases to a value below the trigger level (V BOT – in Fig- ure 6-5), the Brown-out Reset is immediately activated. When Vcc increases above the trigger level (V BOT + in Figure 6-5), the delay counter starts the MCU after the Time-out period tTOUT has expired. The BOD circuit will only detect a drop in Vcc if the voltage stays below the trigger level for lon- ger than t BOD given in Table 22-6 on page 247. V RESET TIME-OUT INTERNAL RESET tTOUT VRST VPOR CC VCCRR CC |