| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny87-15MZ bảng dữ liệu(PDF) 101 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny87-15MZ bảng dữ liệu(HTML) 101 Page - ATMEL Corporation |
|
101 / 282 page ![]() 101 7728D–AVR–07/09 ATtiny87/ATtiny167 When OC0A is connected to the pin, the function of the COM0A1:0 bits depends on the WGM01:0 bit setting. Table 10-1 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to a normal or CTC mode (non-PWM). Table 10-2 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to fast PWM mode. Note: 1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the Com- pare Match is ignored, but the set or clear is done at TOP. See “Fast PWM Mode” on page 94 for more details. Table 10-3 shows the COM01:0 bit functionality when the WGM01:0 bits are set to phase cor- rect PWM mode. Note: 1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the Com- pare Match is ignored, but the set or clear is done at TOP. See “Phase Correct PWM Mode” on page 95 for more details. • Bit 5:2 – Res: Reserved Bits These bits are reserved in the ATtiny87/167 and will always read as zero. Table 10-1. Compare Output Mode, non-PWM Mode COM0A1 COM0A0 Description 0 0 Normal port operation, OC0A disconnected. 0 1 Toggle OC0A on Compare Match. 1 0 Clear OC0A on Compare Match. 1 1 Set OC0A on Compare Match. Table 10-2. Compare Output Mode, Fast PWM Mode (1) COM0A1 COM0A0 Description 00 Normal port operation, OC0A disconnected. 01 10 Clear OC0A on Compare Match. Set OC0A at BOTTOM (non-inverting mode). 11 Set OC0A on Compare Match. Clear OC0A at BOTTOM (inverting mode). Table 10-3. Compare Output Mode, Phase Correct PWM Mode (1) COM0A1 COM0A0 Description 00 Normal port operation, OC0A disconnected. 01 10 Clear OC0A on Compare Match when up-counting. Set OC0A on Compare Match when down-counting. 11 Set OC0A on Compare Match when up-counting. Clear OC0A on Compare Match when down-counting. |