| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny85-15MZ bảng dữ liệu(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny85-15MZ bảng dữ liệu(HTML) 21 Page - ATMEL Corporation |
|
21 / 196 page ![]() 21 7598H–AVR–07/09 ATtiny25/45/85 5.4 I/O Memory The I/O space definition of the ATtiny25/45/85 is shown in “Register Summary” on page 182. All ATtiny25/45/85 I/Os and peripherals are placed in the I/O space. All I/O locations may be accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32 general purpose working registers and the I/O space. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. Refer to the instruction set section for more details. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. Some of the Status Flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will only operate on the specified bit, and can therefore be used on registers contain- ing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only. The I/O and Peripherals Control Registers are explained in later sections. 6. System Clock and Clock Options 6.1 Clock Systems and their Distribution Figure 6-1 presents the principal clock systems in the AVR and their distribution. All of the clocks need not be active at a given time. In order to reduce power consumption, the clocks to modules not being used can be halted by using different sleep modes, as described in “Power Manage- ment and Sleep Modes” on page 31. The clock systems are detailed below. Figure 6-1. Clock Distribution General I/O Modules CPU Core RAM clk I/O AVR Clock Control Unit clk CPU Flash and EEPROM clk FLASH Source clock Watchdog Timer Watchdog Oscillator Reset Logic Clock Multiplexer Watchdog clock Calibrated RC Oscillator Calibrated RC Oscillator External Clock ADC clk ADC Crystal Oscillator Low-Frequency Crystal Oscillator System Clock Prescaler PLL Oscillator clk PCK |