công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATtiny45-15ST bảng dữ liệu(PDF) 45 Page - ATMEL Corporation

tên linh kiện ATtiny45-15ST
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45-15ST bảng dữ liệu(HTML) 45 Page - ATMEL Corporation

Back Button ATtiny45-15ST Datasheet HTML 41Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 42Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 43Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 44Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 45Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 46Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 47Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 48Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 196 page
background image
45
7598H–AVR–07/09
ATtiny25/45/85
8.10.2
Safety Level 2
In this mode, the Watchdog Timer is always enabled, and the WDE bit will always read as one. A
timed sequence is needed when changing the Watchdog Time-out period. To change the
Watchdog Time-out, the following procedure must be followed:
1.
In the same operation, write a logical one to WDCE and WDE. Even though the WDE
always is set, the WDE must be written to one to start the timed sequence.
2.
Within the next four clock cycles, in the same operation, write the WDP bits as desired,
but with the WDCE bit cleared. The value written to the WDE bit is irrelevant.
9.
Interrupts
This section describes the specifics of the interrupt handling as performed in ATtiny25/45/85.
For a general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling”
on page 11.
9.1
Interrupt Vectors in ATtiny25/45/85
Table 9-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
PCINT0
Pin Change Interrupt Request 0
4
0x0003
TIM1_COMPA
Timer/Counter1 Compare Match A
5
0x0004
TIM1_OVF
Timer/Counter1 Overflow
6
0x0005
TIM0_OVF
Timer/Counter0 Overflow
7
0x0006
EE_RDY
EEPROM Ready
8
0x0007
ANA_COMP
Analog Comparator
9
0x0008
ADC
ADC Conversion Complete
10
0x0009
TIM1_COMPB
Timer/Counter1 Compare Match B
11
0x000A
TIM0_COMPA
Timer/Counter0 Compare Match A
12
0x000B
TIM0_COMPB
Timer/Counter0 Compare Match B
13
0x000C
WDT
Watchdog Time-out
14
0x000D
USI_START
USI START
15
0x000E
USI_OVF
USI Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com