| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM7X512 bảng dữ liệu(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7X512 bảng dữ liệu(HTML) 23 Page - ATMEL Corporation |
|
23 / 687 page ![]() 23 6120H–ATARM–17-Feb-09 AT91SAM7X512/256/128 Preliminary • Communication via the USB Device Port is limited to an 18.432 MHz crystal. The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI). The SAM-BA Boot is in ROM and is mapped at address 0x0 when the GPNVM Bit 2 is set to 0. When GPNVM bit 2 is set to 1, the device boots from the Flash. When GPNVM bit 2 is set to 0, the device boots from ROM (SAM-BA). |