công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATA6832 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện ATA6832
Giải thích chi tiết về linh kiện  High Temperature Triple Half-bridge Driver with SPI and PWM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6832 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button ATA6832_09 Datasheet HTML 4Page - ATMEL Corporation ATA6832_09 Datasheet HTML 5Page - ATMEL Corporation ATA6832_09 Datasheet HTML 6Page - ATMEL Corporation ATA6832_09 Datasheet HTML 7Page - ATMEL Corporation ATA6832_09 Datasheet HTML 8Page - ATMEL Corporation ATA6832_09 Datasheet HTML 9Page - ATMEL Corporation ATA6832_09 Datasheet HTML 10Page - ATMEL Corporation ATA6832_09 Datasheet HTML 11Page - ATMEL Corporation ATA6832_09 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
4951D–AUTO–08/09
ATA6832
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Value
Unit
Supply voltage
10, 11
V
VS
–0.3 to +40
V
Supply voltage
t < 0.5s; I
S > –2A
10, 11
VVS
–1
V
Logic supply voltage
9
V
VCC
–0.3 to +7
V
Logic input voltage
3, 4, 5, 6
V
CS, VDI, VCLK,
VPWM
–0.3 to V
VCC + 0.3
V
Logic output voltage
7
VDO
–0.3 to VVCC + 0.3
V
Input current
3, 4, 5, 6
ICS, IDI, ICLK,
I
PWM
–10 to +10
mA
Output current
7
I
DO
–10 to +10
mA
Output current
2, 12, 15
IOut1, IOut2, IOut3
Internally limited, see output
specification
Output voltage
2, 12, 15
I
Out1, IOut2, IOut3
–0.3 to +40
V
Reverse conducting current
(tpulse = 150 µs)
2, 12, 15
I
Out1, IOut2, IOut3
17
A
Junction temperature range
Tj
–40 to +200
°C
Storage temperature range
TSTG
–55 to +200
°C
Ambient temperature range
Ta
–40 to +150
°C
5.
Thermal Resistance
Parameters
Test Conditions
Symbol
Value
Unit
Thermal resistance from junction to
case
R
thJC
15
k/W
Thermal resistance from junction to
ambient
Depends on the PC board
RthJA
40
K/W
6.
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage
VVS
VUV
(1) to 40
V
Logic supply voltage
VVCC
4.75 to 5.25
V
Logic input voltage
VCS, VDI, VCLK, VPWM
–0.3 to VVCC
V
Serial interface clock frequency
fCLK
2
MHz
PWM input frequency
fPWM
max. 25
kHz
Junction temperature range
Tj
–40 to +150
°C
Note:
1. Threshold for undervoltage description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com