công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6451MLFD bảng dữ liệu(PDF) 104 Page - Renesas Technology Corp

tên linh kiện R5F6451MLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD bảng dữ liệu(HTML) 104 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 101Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 102Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 103Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 104Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 105Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 106Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 107Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 104 of 116
R32C/151 Group
5. Electrical Characteristics
VCC =3.3 V
Table 5.38
Electrical Characteristics (3/3)
(VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characte
ristic
Measurement condition
Value
Unit
Min. Typ. Max.
ICC
Power
supply
current
In single-chip mode,
output pins are left open
and others are
connected to VSS
XIN-XOUT
Drive power: low
XCIN-XCOUT
Drive power: low
f(CPU) =64 MHz, f(BCLK) =32 MHz,
f(XIN) =8MHz,
Active: XIN, PLL,
Stopped: XCIN, OCO
43
70
mA
f(CPU) = fSO(PLL)/24 MHz,
Active: PLL (self-oscillation),
Stopped: XIN, XCIN, OCO
7mA
f(CPU) = f(BCLK) = f(XIN)/256 MHz,
f(XIN) =8MHz,
Active: XIN,
Stopped: PLL, XCIN, OCO
670
µA
f(CPU) = f(BCLK) = 32.768 kHz,
Active: XCIN,
Stopped: XIN, PLL, OCO,
Main regulator: shutdown
180
µA
f(CPU) = f(BCLK) = f(OCO)/4 kHz,
Active: OCO,
Stopped: XIN, PLL, XCIN,
Main regulator: shutdown
190
µA
f(CPU) = f(BCLK) = f(XIN)/256 MHz,
f(XIN) = 8 MHz,
Active: XIN,
Stopped: PLL, XCIN, OCO,
Ta = 25°C, Wait mode
500
900
µA
f(CPU) = f(BCLK) = 32.768 kHz,
Active: XCIN,
Stopped: XIN, PLL, OCO,
Main regulator: shutdown,
Ta = 25°C, Wait mode
8
140
µA
f(CPU) = f(BCLK) = f(OCO)/4 kHz,
Active: OCO,
Stopped: XIN, PLL, XCIN,
Main regulator: shutdown,
Ta = 25°C, Wait mode
10
150
µA
Stopped: all clocks,
Main regulator: shutdown,
Ta = 25°C
570
µA
Stopped: all clocks,
Main regulator: shutdown,
Ta = 85°C
400
µA
Stopped: all clocks,
Main regulator: shutdown,
Ta = 105°C
1200
µA
Stopped: all clocks,
Main regulator: shutdown,
Ta = 125°C
2000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com