công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F64110NFB bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp

tên linh kiện R5F64110NFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64110NFB bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp

Back Button R5F64110NFB Datasheet HTML 24Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 25Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 26Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 27Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 28Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 29Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 30Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 31Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 28 of 99
R32C/111 Group
1. Overview
Note:
1.
Ports P0_4 to P0_7, P1_0 to P1_4, P3_4 to P3_7, and P9_5 to P9_7 are available in the 80-pin
package only.
Table 1.19
Pin Definitions and Functions for the 80-/64-pin Package (1/3)
Function
Symbol
I/O
Description
Power supply
VCC1, VSS
I
Applicable as follows: VCC1 = 3.0 to 5.5 V, VSS = 0 V
Connecting pins
for decoupling
capacitor
VDC0, VDC1
—
A decoupling capacitor for internal voltage should be
connected between VDC0 and VDC1
Analog power
supply
AVCC, AVSS
I
Power supply for the A/D converter. AVCC and AVSS should
be connected to VCC and VSS, respectively
Reset input
RESET
I
The MCU is reset when this pin is driven low
CNVSS
CNVSS
I
This pin should be connected to VSS via a resistor
Debug port
NSD
I/O
This pin is to communicate with a debugger. It should be
connected to VCC1 via a resistor of 1 to 4.7 k
Ω
Main clock input
XIN
I
Input/output for the main clock oscillator. A crystal, or a
ceramic resonator should be connected between pins XIN
and XOUT. An external clock should be input at the XIN while
leaving the XOUT open
Main clock output XOUT
O
Sub clock input
XCIN
I
Input/output for the sub clock oscillator. A crystal oscillator
should be connected between pins XCIN and XCOUT. An
external clock should be input at the XCIN while leaving the
XCOUT open
Sub clock output
XCOUT
O
External interrupt
input
INT0 to INT5
I
Input for external interrupts
NMI input
P8_5/
NMI
I
Input for NMI
Key input interrupt
KI0 to KI3
I
Input for the key input interrupt
I/O port (1)
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_4
P8_6, P8_7
P9_3,
P9_5 to P9_7,
P10_0 to P10_7
I/O
I/O ports in CMOS. Each port can be programmed to input or
output under the control of the direction register.
Pull-up resistors are selected for following 4-pin units, but are
enabled only for the input pins: Pi_0 to Pi_3 and Pi_4 to Pi_7
(i = 0 to 3, 6 to 10).
P7_0 and P7_1 outputs are N-channel open drain
Timer A
TA0OUT to
TA4OUT
I/O
Timers A0 to A4 input/output.
TA0OUT output assigned for port P7_0 is N-channel open
drain
TA0IN to TA4IN
I
Timers A0 to A4 input
Timer B
TB0IN to
TB3IN, TB5IN
I
Timers B0 to B3, and B5 input
Three-phase
motor control
timer output
U,
U,V,V,W,W
O
Three-phase motor control timer output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com