| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89LP828 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP828 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation |
|
8 / 149 page ![]() 8 3654A–MICRO–8/09 AT89LP428/828 2.2.6 Serial Port The baud rate of the UART in Mode 0 defaults to 1/4 the clock frequency, compared to 1/12 the clock frequency in the standard 8051. In should also be noted that when using Timer 1 to gener- ate the baud rate in UART Modes 1 or 3, the timer counts at the clock frequency and not at 1/12 the clock frequency. To maintain the same baud rate in the AT89LP428/828 while running at the same frequency as a standard 8051, the time-out period must be 12 times longer. Mode 1 of Timer 1 supports 16-bit auto-reload to facilitate longer time-out periods for generating low baud rates. Timer 2 generated baud rates are twice as fast in the AT89LP428/828 than on standard 8051s when operating at the same frequency. 2.2.7 Watchdog Timer The Watchdog Timer in AT89LP428/828 counts at a rate of once per clock cycle. This compares to once every 12 clocks in the standard 8051. A common prescaler is available to divide the time base for all timers and reduce the counting rate. 2.2.8 I/O Ports The I/O ports of the AT89LP428/828 may be configured in four different modes. By default all the I/O ports revert to input-only (tristated) mode at power-up or reset. In the standard 8051, all ports are weakly pulled high during power-up or reset. To enable 8051-like ports, the ports must be put into quasi-bidirectional mode by clearing the P1M0, P2M0, P3M0 and P4M0 SFRs. The user can also configure the ports to start in quasi-bidirectional mode by disabling the Tristate- Port User Fuse. When this fuse is disabled, P1M0, P2M0, P3M0 and P4M0 will reset to 00H instead of FFH and the ports will be weakly pulled high. 3. Memory Organization The AT89LP428/828 uses a Harvard Architecture with separate address spaces for program and data memory. The program memory has a regular linear address space with support for upto 64K bytes of directly addressable application code. The data memory has 256 bytes of internal RAM and 128 bytes of Special Function Register I/O space. The AT89LP428/828 does not support external data memory or external program memory; however, portions of the external data memory space are implemented on chip as Extra RAM and nonvolatile Flash data memory. The memory address spaces of the AT89LP428 and AT89LP828 are listed in Tables 3-1 and 3-2. Table 3-1. AT89LP428 Memory Address Spaces Name Description Range DATA Directly addressable internal RAM 00H - 7FH IDATA Indirectly addressable internal RAM and stack space 00H - FFH SFR Directly addressable I/O register space 80H - FFH EDATA On-chip Extra RAM 0000H - 01FFH FDATA On-chip nonvolatile Flash data memory 0200H - 03FFH CODE On-chip nonvolatile Flash program memory 0000H - 0FFFH SIG On-chip nonvolatile Flash signature array 0000H - 00FFH |