công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893 bảng dữ liệu(PDF) 138 Page - Integrated Circuit Systems

tên linh kiện ICS1893
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 bảng dữ liệu(HTML) 138 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 134Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 135Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 136Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 137Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 138Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 139Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 140Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 141Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 142Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
138
Chapter 10
DC and AC Operating Conditions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.12
MII / 100M Stream Interface: Transmit Latency
Table 10-19 lists the significant time periods for the MII / 100 Stream Interface transmit latency. The time
periods consist of timings of signals on the following pins:
• TXEN
• TXCLK
• TXD (that is, TXD[3:0])
• TP_TX (that is, TP_TXP and TP_TXN)
Figure 10-13 shows the timing diagram for the time periods.
† The IEEE maximum is 18 bit times.
Figure 10-13.
MII / 100M Stream Interface Transmit Latency Timing Diagram
Table 10-19.
MII / 100M Stream Interface Transmit Latency
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
TXEN Sampled to MDI Output of First
Bit of /J/ †
MII mode
–
2.8
3
Bit times
t2
TXD Sampled to MDI Output of First
Bit of /J/ †
100M Stream Interface
–
6.1
7
Bit times
TXEN
TXCLK
TXD
TP_TX†
† Shown
unscrambled.
t1
t2
Preamble /K/
Preamble /J/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More