công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893 bảng dữ liệu(PDF) 136 Page - Integrated Circuit Systems

tên linh kiện ICS1893
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 bảng dữ liệu(HTML) 136 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 132Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 133Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 134Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 135Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 136Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 137Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 138Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 139Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 140Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
136
Chapter 10
DC and AC Operating Conditions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.10
10M Serial Interface: Transmit Latency
Table 10-17 lists the significant time periods for the 10M Serial Interface transmit latency. The time periods
consist of timings of signals on the following pins:
• 10TXEN (the 10M Serial Interface mapping of the 10M/100M MII TXEN pins)
• 10TCLK (the 10M Serial Interface mapping of the 10M/100M MII TXCLK pins)
• 10TD (the 10M Serial Interface mapping of the 10M/100M MII TXD0 pins)
• TP_TX (the MDI mapping of the 10M/100M MII TP_TXP and TP_TXN pins)
Figure 10-11 shows the timing diagram for the time periods.
Figure 10-11.
10M Serial Interface Transmit Latency Timing Diagram
Table 10-17.
10M Serial Interface Transmit Latency Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
10TD Into TP_TX Out Delay
10M Serial Interface
–
0.8
1
Bit times
10TXEN
10TCLK
10TD
(MDI)
P[3:0]TP_TX
t1
Bit A
Bit B
Bit A
Bit B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More