công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB081D bảng dữ liệu(PDF) 48 Page - ATMEL Corporation

tên linh kiện AT45DB081D
Giải thích chi tiết về linh kiện  8-megabit 2.5-volt or 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081D bảng dữ liệu(HTML) 48 Page - ATMEL Corporation

Back Button AT45DB081D Datasheet HTML 44Page - ATMEL Corporation AT45DB081D Datasheet HTML 45Page - ATMEL Corporation AT45DB081D Datasheet HTML 46Page - ATMEL Corporation AT45DB081D Datasheet HTML 47Page - ATMEL Corporation AT45DB081D Datasheet HTML 48Page - ATMEL Corporation AT45DB081D Datasheet HTML 49Page - ATMEL Corporation AT45DB081D Datasheet HTML 50Page - ATMEL Corporation AT45DB081D Datasheet HTML 51Page - ATMEL Corporation AT45DB081D Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
48
3596L–DFLASH–04/09
AT45DB081D
26. Ordering Information
26.1 Ordering Code Detail
Notes: 1. The shipping carrier option is not marked on the devices.
2. Standard parts are shipped with the page size set to 264 bytes. The user is able to configure these parts to a 256-byte page
size if desired.
3. Parts ordered with suffix SL954 are shipped in bulk with the page size set to 256 bytes. Parts will have a 954 or SL954
marked on them.
4. Parts ordered with suffix SL955 are shipped in tape and reel with the page size set to 256 bytes. Parts will have a 954 or
SL954 marked on them.
AT 4 5 D
0 8
S S U
1D–
B
Atmel Designator
Product Family
Device Density
8 = 8-megabit
Interface
1 = Serial
Package Option
M = 8-pad, 6 x 5 x 1 mm MLF (VDFN)
SS = 8-lead, 0.150" wide SOIC
S
= 8-lead, 0.209" wide SOIC
Device Grade
U = Matte Sn lead finish, industrial
temperature range (-40°C to +85°C)
Device Revision
26.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code(1)(2)
Package
Lead Finish
Operating Voltage
fSCK (MHz)
Operation Range
AT45DB081D-MU
AT45DB081D-MU-SL954(3)
AT45DB081D-MU-SL955(4)
8M1-A
Matte Sn
2.7V to 3.6V
66
Industrial
(-40
°C to 85°C)
AT45DB081D-SSU
AT45DB081D-SSU-SL954(3)
AT45DB081D-SSU-SL955(4)
8S1
AT45DB081D-SU
AT45DB081D-SU-SL954(3)
AT45DB081D-SU-SL955(4)
8S2
AT45DB081D-MU-2.5
8M1-A
Matte Sn
2.5V to 3.6V
50
AT45DB081D-SSU-2.5
8S1
AT45DB081D-SU-2.5
8S2
Package Type
8M1-A
8-pad, 6 x 5 x 1.00 mm Body, Very Thin Dual Flat Package No Lead MLF™ (VDFN)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.209” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com