| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB021D bảng dữ liệu(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021D bảng dữ liệu(HTML) 14 Page - ATMEL Corporation |
|
14 / 54 page ![]() 14 3638I–DFLASH–04/09 AT45DB021D 9.1 Sector Protection Register The nonvolatile Sector Protection Register specifies which sectors are to be protected or unpro- tected with either the software or hardware controlled protection methods. The Sector Protection Register contains 8 bytes of data, of which byte locations 0 through 7 contain values that specify whether sectors 0 through 7 will be protected or unprotected. The Sector Protection Register is user modifiable and must first be erased before it can be reprogrammed. Table 9-3 illustrates the format of the Sector Protection Register. Note: 1. The default value for bytes 0 through 7 when shipped from Atmel® is 00H. x = don’t care. Table 9-2. Sector Protection Register Sector Number 0 (0a, 0b) 1 to 7 Protected See Table 9-3 FFH Unprotected 00H Table 9-3. Sector 0 (0a, 0b) 0a 0b Bit 3, 2 Data Value (Page 0-7) (Page 8-127) Bit 7, 6 Bit 5, 4 Bit 1, 0 Sectors 0a, 0b Unprotected 00 00 xx xx 0xH Protect Sector 0a 11 00 xx xx CxH Protect Sector 0b (Page 8-127) 00 11 xx xx 3xH Protect Sectors 0a (Page 0-7), 0b (Page 8-127)(1) 11 11 xx xx FxH |