công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega128L-8MU bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện ATmega128L-8MU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128L-8MU bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  ATmega128L-8MU Datasheet HTML 1Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 2Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 3Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 4Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 5Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 6Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 7Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 8Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 386 page
background image
5
2467S–AVR–07/09
ATmega128
ATmega103
Compatibility Mode
By programming the M103C fuse, the ATmega128 will be compatible with the ATmega103
regards to RAM, I/O pins and interrupt vectors as described above. However, some new fea-
tures in ATmega128 are not available in this compatibility mode, these features are listed below:
•
One USART instead of two, Asynchronous mode only. Only the eight least significant bits of
the Baud Rate Register is available.
•
One 16 bits Timer/Counter with two compare registers instead of two 16-bit Timer/Counters
with three compare registers.
•
Two-wire serial interface is not supported.
•
Port C is output only.
•
Port G serves alternate functions only (not a general I/O port).
•
Port F serves as digital input only in addition to analog input to the ADC.
•
Boot Loader capabilities is not supported.
•
It is not possible to adjust the frequency of the internal calibrated RC Oscillator.
•
The External Memory Interface can not release any Address pins for general I/O, neither
configure different wait-states to different External Memory Address sections.
In addition, there are some other minor differences to make it more compatible to ATmega103:
•
Only EXTRF and PORF exists in MCUCSR.
•
Timed sequence not required for Watchdog Time-out change.
•
External Interrupt pins 3 - 0 serve as level interrupt only.
•
USART has no FIFO buffer, so data overrun comes earlier.
Unused I/O bits in ATmega103 should be written to 0 to ensure same operation in ATmega128.
Pin Descriptions
VCC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the ATmega128 as listed on page
73.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the ATmega128 as listed on page
74.
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com