| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT32AP7002-CTUT bảng dữ liệu(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT32AP7002-CTUT bảng dữ liệu(HTML) 21 Page - ATMEL Corporation |
|
21 / 52 page ![]() 21 32054FS–AVR32–09/09 AT32AP7002 7.2 Interrupt Request Signal Map The various modules may output interrupt request signals. These signals are routed to the Inter- rupt Controller (INTC). The Interrupt Controller supports up to 64 groups of interrupt requests. Each group can have up to 32 interrupt request signals. All interrupt signals in the same group share the same autovector address and priority level. Refer to the documentation for the individ- ual submodules for a description of the semantic of the different interrupt requests. The interrupt request signals in AT32AP7002 are connected to the INTC as follows: Table 7-2. Interrupt Request Signal Map Group Line Signal 0 0 COUNT-COMPARE match 1 Performance Counter Overflow 1 0 LCDC EOF 1 LCDC LN 2 LCDC LSTLN 3 LCDC MER 4 LCDC OWR 5 LCDC UFLW 2 0 DMACA BLOCK 1 DMACA DSTT 2DMACA ERR 3 DMACA SRCT 4DMACA TFR 3 0 SPI 0 4 0 SPI 1 50 TWI 6 0 USART0 7 0 USART1 8 0 USART2 9 0 USART3 10 0 SSC0 11 0 SSC1 12 0 SSC2 13 0 PIOA 14 0 PIOB 15 0 PIOC 16 0 PIOD 17 0 PIOE 18 0 PSIF |